Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2985A-25DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985A-25DBVR
Description  150-mA Low-noise Low-dropout Regulator With Shutdown
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985A-25DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2985A-25DBVR Datasheet HTML 4Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 5Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 6Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 7Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 8Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 9Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 10Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 11Page - Texas Instruments LP2985A-25DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
0.001
0.01
0.1
1
10
10
100
1k
10k
100k
1M
Frequency − (Hz)
Ci = 1 mF
Co = 10 mF
VO = 3.3 V
10 mA
100 mA
1 mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 4.7 mF
Cbyp = 10 nF
10 mA
100 mA
1 mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
50 mA
150 mA
1 mA
VI = 3.7 V
VO = 3.3 V
Co = 10 mF
Cbyp = 0 nF
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 4.7 mF
Cbyp = 10 nF
50 mA
150 mA
1 mA
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 10 mF
Cbyp = 0 nF
50 mA
150 mA
1 mA
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
20
40
60
80
100
120
140
Load Current − mA
160
VO = 3.3 V
Cbyp = 10 nF
LP2985
SLVS522O – JULY 2004 – REVISED JANUARY 2015
www.ti.com
Typical Characteristics (continued)
CIN = 1 μF, COUT = 4.7 μF, VIN = VOUT(NOM) + 1 V, TA = 25°C, ON/OFF pin tied to VIN (unless otherwise specified)
Figure 7. Ground Pin Current vs Load Current
Figure 8. Ripple Rejection vs Frequency
Figure 9. Ripple Rejection vs Frequency
Figure 10. Ripple Rejection vs Frequency
Figure 11. Ripple Rejection vs Frequency
Figure 12. Output Impedance vs Frequency
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated


Similar Part No. - LP2985A-25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI-LP2985A-25DBVR Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985A-25DBVR TI1-LP2985A-25DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
More results

Similar Description - LP2985A-25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V02 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
DECEMBER 2022
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
LP2985 TI1-LP2985_V04 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED JULY 2023
LP2985 TI-LP2985_V01 Datasheet
9Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com