Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-150S140DT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRC-150S140DT
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-150S140DT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRC-150S140DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-150S140DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-150S140DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 3 of 3
SSL Solutions Faster Than The Speed Of Light®
Dimming Control (on secondary side)
Notes:
1. Io is actual output current and Ir is rated current without dimming control.
2. For the driver to operate properly, the load voltage must be maintained above the minimum voltage
threshold (approx. 50% of the max. output voltage for any given model).
3. If the output voltage is maintained above 50% of the maximum output voltage, the dimming control may
be operated over the entire 1-10V range with output current varying from 10% to 100% of Ir.
4. The dimming input signal may be less than 1V; however, no further dimming will occur between 0V and 1V.
5. The internal resistor Rin is 20K, and Vcc is about 15V.
6. Do not connect the GRAY of dimming to the output; otherwise, the LED driver can not work normally.
Parameters
Minimum
Typical
Maximum
Absolute maximum voltage on the 0~10V input pin
-2 V
12 V
Source current on 0~10V input pin
0 µA
1 mA
The dimmer control is operated from an input signal of 1 – 10 Vdc. Recommended implementations are provided below.
DC Input
Rx
Rin
External Resistor
TRC-150xxxDT
0-10V Input (Purple)
V
0-10Vdc
Gnd (Gray)
0-10V Input (Purple)
Gnd (Gray)
TRC-150xxxDT
Output Current / Dimming Voltage
0%
20%
40%
60%
80%
100%
02468
10
Vdim (V)
Output Current / Rx
0%
20%
40%
60%
80%
100%
Rx (kΩ)
0
20
40
60
80
100 120 140 160 180 200
Safety and EMC Compliance
UL/CUL
UL8750, UL1012, UL935, CSA-C22.2 No. 107.1-01
C E
EN 61347-1, EN61347-2-13
EN 55015
Conducted emission Test & Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: line to line 2 kV, line to earth 4 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies to Lighting Equipment
TRC-150 Dimming Series


Similar Part No. - TRC-150S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-150S140ST ETC2-TRC-150S140ST Datasheet
677Kb / 3P
   Switch Mode LED Drivers
More results

Similar Description - TRC-150S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com