Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX563CWN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX563CWN
Description  3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX563CWN Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX563CWN Datasheet HTML 1Page - Maxim Integrated Products MAX563CWN Datasheet HTML 2Page - Maxim Integrated Products MAX563CWN Datasheet HTML 3Page - Maxim Integrated Products MAX563CWN Datasheet HTML 4Page - Maxim Integrated Products MAX563CWN Datasheet HTML 5Page - Maxim Integrated Products MAX563CWN Datasheet HTML 6Page - Maxim Integrated Products MAX563CWN Datasheet HTML 7Page - Maxim Integrated Products MAX563CWN Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
_______________Detailed Description
The MAX563 consists of three sections: charge-pump
voltage converters, transmitters (drivers), and
receivers. Both the transmitters and the receivers are
inverting.
+3V to ±6V, Dual Charge-Pump Voltage
Converter
Two charge pumps either invert or double the incoming
VCC to generate the voltages required by the transmit-
ters. The first charge pump uses capacitor C1 to
double VCC; the resulting voltage is stored on the V+
reservoir capacitor. The second charge pump uses
capacitor C2 to invert V+; this negative voltage is
stored on the V- capacitor.
When
SHDN is low, the charge pumps are turned off,
V+ is pulled down to VCC by a 1k
Ω resistor, and V-
rises to GND.
It is possible to draw some power from the V+ and V-
pins for external use. However, doing so diminishes the
charge-pump output voltages and reduces noise mar-
gins, so it is not recommended.
EIA/TIA-562 Transmitters
The MAX563’s drivers are inverting level translators that
convert +3V logic inputs to EIA/TIA-562 voltage levels.
With a VCC supply of only 3.0V, the driver outputs
deliver the EIA/TIA-562 ±3.7V minimum specification
under worst-case conditions—when both transmitters
are loaded with 3k
Ω receivers (either EIA/TIA-232 or
EIA/TIA-562).
The transmitters are fast: the guaranteed data rate with
standard loads is 116kbps, which is the highest rate
commonly used by PC-to-PC communication software,
such as LapLink. The highest practical data rate may
be reduced if the other communicating device (RS-562
or RS-232) is not as fast, or if the cables present an
excessive capacitive load (>1000pF). Each transmitter
is designed to drive a single receiver; transmitters can
be paralleled to drive multiple receivers.
When
SHDN is low, the driver outputs are turned off.
Their output leakage currents are less than 10µA when
pulled to GND or when driven to ±15V. This enables
two transmitters to be connected to the same line, pro-
vided that one of them is always disabled by taking
SHDN low.
+3.3V-Powered, EIA/TIA-562 Dual Transceiver
with Receivers Active in Shutdown
4
_______________________________________________________________________________________
______________________________________________________________Pin Description
10, 13
NAME
FUNCTION
R2OUT, R1OUT
EN
Receiver enable. Connect
EN to GND to enable receivers, and take EN high to disable receivers.
CMOS receiver outputs. These outputs are active regardless of the state of
SHDN. They
are enabled when
EN is low, and disabled (Hi-Z) when EN is high.
C1+
Positive terminal of positive charge-pump capacitor.
11, 12
V+
+2VCC voltage generated by the positive charge pump. The voltage on V+ collapses to
VCC when SHDN is low.
PIN
1
2
T2IN, T1IN
C1-
Negative terminal of positive charge-pump capacitor.
CMOS driver inputs.
C2+
Positive terminal of inverting charge-pump capacitor.
16
C2-
Negative terminal of inverting charge-pump capacitor.
GND
V-
-2VCC voltage generated by the inverting charge pump. The voltage on V- collapses to
GND when
SHDN is low.
3
4
5
Ground.
T2OUT, T1OUT
EIA/TIA-562 voltage-level transmitter outputs. These outputs are disabled (Hi-Z) when
SHDN is low.
17
R2IN, R1IN
EIA/TIA-562 and EIA/TIA-232 voltage-level receiver inputs.
6
7
8, 15
9, 14
VCC
+3.0V to +3.6V supply voltage.
18
SHDN
Shutdown control. Connect to GND to shut down the charge pumps and the transmitters.
Take high to turn on the charge pumps and to enable the transmitters.


Similar Part No. - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UCB MAXIM-MAX5631UCB Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631UTK MAXIM-MAX5631UTK Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
More results

Similar Description - MAX563CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Intersil Corporation
ISL8563 INTERSIL-ISL8563 Datasheet
247Kb / 10P
   3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com