Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRC-200S140DT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRC-200S140DT
Description  Switch Mode LED Drivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRC-200S140DT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRC-200S140DT Datasheet HTML 1Page - List of Unclassifed Manufacturers TRC-200S140DT Datasheet HTML 2Page - List of Unclassifed Manufacturers TRC-200S140DT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
200W TRC-200 Dimmable Series
Switch Mode LED Drivers
Constant Current
Aluminum Housing
Electrical Specifications
Input Voltage Range:
100 - 277 Nom. Vax (90 - 305 V Min/Max)
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
65 Amps max @ 230 Vac, cold start 25ºC
Input Current:
2.4 A max 100Vac, 1.2 A max 220Vac
Maximum Power:
200W
Line Regulation:
± 1%
Load Regulation:
± 3%
Leakage Current:
0.75 mA max @ 277 Vac 60Hz
Typical Efficiency
92.5%-93.5% at 220Vac
Turn-on Delay:
0.5S typical 110Vac, 0.3S typical 220Vac
Ripple and Noise:
13.4V at 450 mA
Protection:
Over-Voltage, Over-Temperature (110°C), Lightning,
and Short Circuit Protection with Self Recovery
Environmental Specifications
Max Case Temperature:
90ºC
Minimum Starting Temp: -35ºC
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 100%
Cooling:
Convection
Sound Rating:
Class A
MTBF:
330,000 Hours (450 mA model) @ 110VAC input, 80%
load and 25ºC ambient conditions per MIL-HDBK-217F,
Other Models 170,000 Hours
Lifetime:
64,000 Hours @ 220Vac, 80% load and 45ºC ambient
Weight:
3.31 lbs. (1.5 kg)
Dimming Versions - Product Specifications
Model Number
Output Current
(mA±5%)
*
Output Voltage
Range (Vdc)
Max.
Output Power
Typical
Efficiency
TRC-200S045DT
450
223-445
200
93.0%
TRC-200S070DT
700
143-285
200
93.0%
TRC-200S105DT
1050
95-190
200
92.5%
TRC-200S140DT
1400
71-142
200
92.0%
* The output current is adjustable at factory from 50% to 100%.
E332160
• Total Power: 200 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP67
• Ultra-high Efficiency
• High Power Factor with Active Correction
• UL8750
Rev 9-1-15


Similar Part No. - TRC-200S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRC-200S140ST ETC2-TRC-200S140ST Datasheet
590Kb / 2P
   Switch Mode LED Drivers
More results

Similar Description - TRC-200S140DT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com