Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRV-075S042ST Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TRV-075S042ST
Description  Switch Mode LED Drivers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRV-075S042ST Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TRV-075S042ST Datasheet HTML 1Page - List of Unclassifed Manufacturers TRV-075S042ST Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
211
184
180
198
8
195
50±3
50±3
220±20
650±20
36.5
36.5
INPUT
Black (ACL)
White (ACN)
Green (GND)
OUPUT
Red (V+)
Black (V-)
WIRE SPECS:
AC Input: #18AWG
DC Output: #18AWG
Safety and EMC Compliance
CUL / CE
UL 8750, EN 61347-1, EN61347-2-13
EN 55015
Conducted emission
EN 61000-3-2 Harmonic current emissions
EN 61000-3-3 Voltage fluctuations and flicker
EN 61000-4-2 Electrostatic discharge
EN 61000-4-3 RFE Field Susceptibility test
EN 61000-4-4 Electrical Fast Transient
EN 61000-4-5 Surge Immunity test
EN 61000-4-6 Conducted Radio Frequency
EN 61000-4-8 Power Frequency Magnetic Field Test
EN 61000-4-11 Voltage Dips
EN 61547
Electromagnetic Immunity
30
Case Temperature (°C)
Lifetime / Case Temperature
0
45
30
15
60
75
90
105
120
135
40
50
60
70
80
90
Derating Curve
100
80
60
40
20
0
Ambient Temperature (°C)
-35
-20
-5
10
25
40
55
70
TRV-075 Series


Similar Part No. - TRV-075S042ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRV-096S024ST ETC2-TRV-096S024ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S036ST ETC2-TRV-096S036ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S048ST ETC2-TRV-096S048ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
TRV-096S054ST ETC2-TRV-096S054ST Datasheet
546Kb / 2P
   Switch Mode LED Drivers
More results

Similar Description - TRV-075S042ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
   Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
   Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
   Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
   Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
   Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
   Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
   Switch Mode LED Drivers
LED-30W ETC2-LED-30W Datasheet
865Kb / 3P
   Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
   Switch Mode LED Drivers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com