Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5442 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5442
Description  3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5442 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5442 Datasheet HTML 4Page - Maxim Integrated Products MAX5442 Datasheet HTML 5Page - Maxim Integrated Products MAX5442 Datasheet HTML 6Page - Maxim Integrated Products MAX5442 Datasheet HTML 7Page - Maxim Integrated Products MAX5442 Datasheet HTML 8Page - Maxim Integrated Products MAX5442 Datasheet HTML 9Page - Maxim Integrated Products MAX5442 Datasheet HTML 10Page - Maxim Integrated Products MAX5442 Datasheet HTML 11Page - Maxim Integrated Products MAX5442 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
+3V/+5V, Serial-Input,
Voltage-Output, 16-Bit DACs
10
______________________________________________________________________________________
Unipolar Configuration
Figure 2a shows the MAX5441–MAX5444 configured for
unipolar operation with an external op amp. The op amp
is set for unity gain, and Table 1 lists the codes for this
circuit. The bipolar MAX5442/MAX5444 can also be
used in unipolar configuration by connecting RFB and
INV to REF. This allows the DAC to power-up to mid-
scale.
Bipolar Configuration
Figure 2b shows the MAX5442/MAX5444 configured for
bipolar operation with an external op amp. The op amp
is set for unity gain with an offset of -1/2VREF. Table 2
lists the offset binary codes for this circuit.
Power-Supply Bypassing and
Ground Management
Bypass VDD with a 0.1µF ceramic capacitor connected
between VDD and GND. Mount the capacitor with short
leads close to the device (less than 0.25 inches).
Table 1. Unipolar Code Table
Table 2. Bipolar Code Table
0
0000 0000 0000 0000
VREF ✕ (1 / 65,536)
0000 0000 0000 0001
VREF ✕ (32,768 / 65,536) = 1/2VREF
1000 0000 0000 0000
VREF ✕ (65,535 / 65,536)
1111 1111 1111 1111
ANALOG OUTPUT, VOUT
MSB
LSB
DAC LATCH CONTENTS
-VREF ✕ (32,768 / 32,768) = -VREF
0000 0000 0000 0000
-VREF ✕ (1 / 32,768)
0111 1111 1111 1111
0
1000 0000 0000 0000
+VREF ✕ (1 / 32,768)
1000 0000 0000 0001
+VREF ✕ (32,767 / 32,768)
1111 1111 1111 1111
ANALOG OUTPUT, VOUT
MSB
LSB
DAC LATCH CONTENTS


Similar Part No. - MAX5442

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5442ACUB MAXIM-MAX5442ACUB Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5442ACUB MAXIM-MAX5442ACUB Datasheet
1Mb / 13P
   MAX544X Evaluation Kit
Rev 0; 5/12
MAX5442ACUB++ MAXIM-MAX5442ACUB+ Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5442AEUB MAXIM-MAX5442AEUB Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5442AEUB MAXIM-MAX5442AEUB Datasheet
1Mb / 13P
   MAX544X Evaluation Kit
Rev 0; 5/12
More results

Similar Description - MAX5442

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5441 MAXIM-MAX5441_08 Datasheet
223Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 10/07
MAX5441 MAXIM-MAX5441_09 Datasheet
249Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 3; 1/09
MAX5141 MAXIM-MAX5141 Datasheet
410Kb / 12P
   3V/5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 1; 5/01
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX544 MAXIM-MAX544 Datasheet
265Kb / 12P
   5V, Serial-Input, Voltage-Output, 14-Bit DACs
Rev 3; 12/99
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
   3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5130 MAXIM-MAX5130 Datasheet
291Kb / 20P
   3V/5V, 13-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
logo
Analog Devices
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX5232 MAXIM-MAX5232 Datasheet
973Kb / 18P
   3V/5V, 10-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
MAX5230 MAXIM-MAX5230 Datasheet
781Kb / 18P
   3V/5V, 12-Bit, Serial Voltage-Output Dual DACs with Internal Reference
Rev 1; 9/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com