Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHYK57133CMSE Datasheet(PDF) 8 Page - International Rectifier

Part # IRHYK57133CMSE
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHYK57133CMSE Datasheet(HTML) 8 Page - International Rectifier

  IRHYK57133CMSE_15 Datasheet HTML 1Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 2Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 3Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 4Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 5Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 6Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 7Page - International Rectifier IRHYK57133CMSE_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHYK57133CMSE
Pre-Irradiation
8
www.irf.com
à Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
Ä Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Å Total Dose Irradiation with VDS Bias.
104 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
À Repetitive Rating; Pulse width limited by
maximum junction temperature.
Á VDD = 50V, starting TJ = 25°C, L= 0.36 mH
Peak IL = 20A, VGS = 12V
 ISD ≤ 20A, di/dt ≤ 690A/µs,
VDD ≤ 130V, TJ ≤ 150°C
Footnotes:
Case Outline and Dimensions — Low Ohmic TO-257AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 10/2004
NOT ES:
1. DIMENSIONING & TOLERANCING PER ANS I Y14.5M-1994.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
4. OUTLINE CONFORMS TO JEDEC OUTLINE TO-257AA.
PIN ASSIGNMENTS
1 = DRAIN
2 = SOURCE
3 = GATE
0.25 [.010]
B A
3X
B
12
3
A
C
15.49 [.610]
14.73 [.580]
2.79 [.110]
2.29 [.090]
3.17 [.125]
2.92 [.115]
0.889 [.035]
MAX.
5.08 [.200]
4.83 [.190]
10.66 [.420]
10.42 [.410]
10.92 [.430]
10.42 [.410]
2.54 [.100]
0.88 [.035]
0.64 [.025]
0.13 [.005]
2X


Similar Part No. - IRHYK57133CMSE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHYK57133CMSE IRF-IRHYK57133CMSE Datasheet
190Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (Low-Ohmic TO-257AA)
More results

Similar Description - IRHYK57133CMSE_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com