Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX550AEUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX550AEUA
Description  2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX550AEUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX550AEUA Datasheet HTML 1Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 2Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 3Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 4Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 5Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 6Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 7Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 8Page - Maxim Integrated Products MAX550AEUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX548A/MAX549A/MAX550A serial, 8-bit voltage-
output digital-to-analog converters (DACs) operate from
a single +2.5V to +5.5V supply. Their ±1LSB TUE spec-
ification is guaranteed over temperature. Operating cur-
rent (supply current plus reference current) is typically
75µA per DAC with VDD = 2.5V. In shutdown, the DAC
is disconnected from the reference, reducing current
drain to less than 1µA. The MAX548A/MAX549A allow
each DAC to be shut down independently.
The 10MHz, 3-wire serial interface is compatible with
SPI™/QSPI™ and Microwire™ interface standards.
Double-buffered inputs provide flexibility when updat-
ing the DACs; the input and DAC registers can be
updated individually or simultaneously.
The MAX548A is a dual DAC with an asynchronous
load input; it uses VDD as the reference input. The
MAX549A is a dual DAC with an external reference
input. The MAX550A is a single DAC with an external
reference input and an asynchronous load input.
The MAX548A/MAX549A/MAX550A’s low power con-
sumption and small µMAX and DIP packages make
these devices ideal for portable and battery-powered
applications.
________________________Applications
Battery-Powered Systems
VCXO Control
Comparator-Level Settings
GaAs Amp Bias Control
Digital Gain and Offset Control
____________________________Features
o +2.5V to +5.5V Single-Supply Operation
o ±1LSB (max) TUE
o Power-On Reset Clears All Registers to Zero
o Low Operating Current:
150µA (MAX548A/MAX549A, VREF = +2.5V)
75µA (MAX550A, VREF = +2.5V)
o 1µA Shutdown Mode
o 10MHz, 3-Wire Serial Interface Compatible with
SPI/QSPI and Microwire
o µMAX Package—50% Smaller than 8-Pin SO
o Independent Shutdown of DACs
(MAX548A/MAX549A)
+2.5V to +5.5V, Low-Power, Single/Dual,
8-Bit Voltage-Output DACs in µMAX Package
________________________________________________________________
Maxim Integrated Products
1
LDAC
SCLK
DIN
1
2
8
7
VDD
OUTB
OUTA
CS
GND
DIP/
µMAX
TOP VIEW
3
4
6
5
MAX548A
_________________Pin Configurations
_____________________Selector Guide
19-1206; Rev 0; 3/97
PART
MAX548ACPA
MAX548ACUA
MAX548AC/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE†
8 Plastic DIP
8 µMAX
Dice*
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Dice are specified at TA = +25°C, DC parameters only.
†Contact factory for availability of 8-pin SO package.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX548A
MAX549A
Number of DACs
2
2
DAC Reference
VDD
External
FEATURE
External
Asynchronous
Load DAC Input
MAX550A
1
µMAX Package
SPI and QSPI are trademarks of Motorola Inc.
Microwire is a trademark of National Semiconductor Corp.
MAX548AEPA
MAX548AEUA
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 µMAX
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX550AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5500AGAP++ MAXIM-MAX5500AGAP+ Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500AGAP++ MAXIM-MAX5500AGAP+ Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
MAX5500BGAP++ MAXIM-MAX5500BGAP+ Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
More results

Similar Description - MAX550AEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX550B MAXIM-MAX550B Datasheet
106Kb / 12P
   Low-Power, 2.5V to 5.5V, 8-Bit Voltage-Output DAC in 關MAX
Rev 0; 9/96
MAX5354 MAXIM-MAX5354 Datasheet
196Kb / 16P
   10-Bit Voltage-Output DACs in 8-Pin 關MAX
Rev 1; 2/97
MAX5510 MAXIM-MAX5510 Datasheet
1,012Kb / 18P
   1.8V to 5.5V, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
Rev 0; 1/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5304 MAXIM-MAX5304 Datasheet
405Kb / 12P
   10-Bit Voltage-Output DAC in 8-Pin 關MAX
Rev 0; 10/99
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com