Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLS6G2731-6G Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BLS6G2731-6G
Description  LDMOS S-Band radar power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS6G2731-6G Datasheet(HTML) 1 Page - NXP Semiconductors

  BLS6G2731-6G_15 Datasheet HTML 1Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 2Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 3Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 4Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 5Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 6Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 7Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 8Page - NXP Semiconductors BLS6G2731-6G_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
6 W LDMOS power transistor intended for radar applications in the 2.7 GHz to 3.1 GHz
range.
1.2 Features and benefits
Typical pulsed RF performance at a frequency of 2.7 GHz to 3.1 GHz, a supply voltage
of 32 V, an IDq of 25 mA, a tp of 100 s and a  of 10 %:
Output power = 6 W
Power gain = 15 dB
Efficiency = 33 %
Integrated ESD protection
High flexibility with respect to pulse formats
Excellent ruggedness
High efficiency
Excellent thermal stability
Designed for broadband operation (2.7 GHz to 3.1 GHz)
Internally matched for ease of use
Compliant to Directive 2002/95/EC, regarding restriction of hazardous substances
(RoHS)
1.3 Applications
S-Band power amplifiers for radar applications in the 2.7 GHz to 3.1 GHz frequency
range
BLS6G2731-6G
LDMOS S-Band radar power transistor
Rev. 2 — 16 December 2014
Product data sheet
Table 1.
Typical performance
Typical RF performance at Tcase = 25 C; tp = 100 s; = 10 %; IDq = 25 mA; in a class-AB
production test circuit.
Mode of operation
f
VDS
PL
Gp
D
tr
tf
(GHz)
(V)
(W)
(dB)
(%)
(ns)
(ns)
pulsed RF
2.7 to 3.1
32
6
15
33
20
10
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling. You must use a ground strap or touch the PC case or other
grounded source before unpacking or handling the hardware.


Similar Part No. - BLS6G2731-6G_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G2731-6G NXP-BLS6G2731-6G Datasheet
77Kb / 11P
   LDMOS S-Band radar power transistor
Rev. 01-19 February 2009
BLS6G2731-6G NXP-BLS6G2731-6G Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLS6G2731-6G_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G2731S-130 PHILIPS-BLS6G2731S-130_15 Datasheet
143Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-18 November 2010
BLS7G2933S-150 PHILIPS-BLS7G2933S-150_15 Datasheet
129Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-23 February 2011
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2934L-400 AMPLEON-BLS9G2934L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??6 April 2017
logo
NXP Semiconductors
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
   LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
   LDMOS S-band radar power transistor
Rev. 5-16 May 2014
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
   LDMOS S-band radar power transistor
Rev. 01-11 December 2008
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
   LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
logo
Ampleon Netherlands B.V...
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
logo
NXP Semiconductors
BLS6G3135-120 PHILIPS-BLS6G3135-120_15 Datasheet
84Kb / 12P
   LDMOS S-Band radar power transistor
Rev. 02-29 May 2008
BLS7G3135LS-200 PHILIPS-BLS7G3135LS-200_15 Datasheet
138Kb / 10P
   LDMOS S-band radar power transistor
Rev. 2-23 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com