Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5822 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5822
Description  Dual, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5822 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5822 Datasheet HTML 5Page - Maxim Integrated Products MAX5822 Datasheet HTML 6Page - Maxim Integrated Products MAX5822 Datasheet HTML 7Page - Maxim Integrated Products MAX5822 Datasheet HTML 8Page - Maxim Integrated Products MAX5822 Datasheet HTML 9Page - Maxim Integrated Products MAX5822 Datasheet HTML 10Page - Maxim Integrated Products MAX5822 Datasheet HTML 11Page - Maxim Integrated Products MAX5822 Datasheet HTML 12Page - Maxim Integrated Products MAX5822 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Acknowledge Bit (ACK)
The acknowledge bit (ACK) is the ninth bit attached to
any 8-bit data word. ACK is always generated by the
receiving device. The MAX5822 generates an ACK
when receiving an address or data by pulling SDA low
during the ninth clock period. When transmitting data,
the MAX5822 waits for the receiving device to generate
an ACK. Monitoring ACK allows for detection of unsuc-
cessful data transfers. An unsuccessful data transfer
occurs if a receiving device is busy or if a system fault
has occurred. In the event of an unsuccessful data
transfer, the bus master should reattempt communica-
tion at a later time.
Slave Address
A bus master initiates communication with a slave
device by issuing a START condition followed by the 7-
bit slave address (Figure 4). When idle, the MAX5822
waits for a START condition followed by its slave
address. The serial interface compares each address
value bit by bit, allowing the interface to power down
immediately, if an incorrect address is detected. The
LSB of the address word is the Read/Write (R/W) bit.
R/W indicates whether the master is writing to or read-
ing from the MAX5822 (R/W = 0 selects the write condi-
tion, R/W = 1 selects the read condition). After
receiving the proper address, the MAX5822 issues an
ACK by pulling SDA low for one clock cycle.
The MAX5822 has four different factory/user-pro-
grammed addresses (Table 2). Address bits A6
through A1 are preset, while A0 is controlled by ADD.
Connecting ADD to GND sets A0 = 0. Connecting ADD
to VDD sets A0 = 1. This feature allows up to four
MAX5822s to share the same bus.
Write Data Format
In write mode (R/W = 0), data that follows the address
byte controls the MAX5822 (Figure 5). Bits C3–C0 con-
figure the MAX5822 (Table 3). Bits D11–D0 are DAC
data. Input and DAC registers update on the falling
edge of SCL during the acknowledge bit. Should the
write cycle be prematurely aborted, data is not updated
and the write cycle must be repeated. Figure 6 shows
two example write data sequences.
Extended Command Mode
The MAX5822 features an extended command mode
that is accessed by setting C3–C0 = 1 and D11–D8 =
0. The next data byte writes to the shutdown registers
Dual, 12-Bit, Low-Power, 2-Wire, Serial
Voltage-Output DAC
_______________________________________________________________________________________
9
SCL
SDA
SSr
P
Figure 2. START and STOP Conditions
SCL
SDA
STOP
START
SCL
SDA
ILLEGAL
STOP
START
ILLEGAL EARLY STOP CONDITION
LEGAL STOP CONDITION
Figure 3. Early STOP Conditions
S
A6A5A4A3A2A1A0
R/W
Figure 4. Slave Address Byte Definition
C3
C2
C1
C0
D11
D10
D9
D8
Figure 5. Command Byte Definition
PART
VADD
DEVICE ADDRESS
(A6...A0)
MAX5822L
GND
0111 000
MAX5822L
VDD
0111 001
MAX5822M
GND
1011 000
MAX5822M
VDD
1011 001
Table 2. MAX5822 I2C Slave Addresses


Similar Part No. - MAX5822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820L MAXIM-MAX5820L Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820LEUA MAXIM-MAX5820LEUA Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820M MAXIM-MAX5820M Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5820MEUA MAXIM-MAX5820MEUA Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
More results

Similar Description - MAX5822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5812 MAXIM-MAX5812 Datasheet
268Kb / 13P
   12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5821 MAXIM-MAX5821 Datasheet
419Kb / 13P
   Dual, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
MAX5820 MAXIM-MAX5820 Datasheet
400Kb / 13P
   Dual, 8-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 2/05
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5811 MAXIM-MAX5811 Datasheet
417Kb / 13P
   10-Bit, Low-Power, 2-Wire Interface, Serial, Voltage-Output DAC
Rev 0; 1/02
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
MAX5841 MAXIM-MAX5841 Datasheet
408Kb / 15P
   Quad, 10-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
logo
Wolfson Microelectronic...
WM2618 WOLFSON-WM2618 Datasheet
125Kb / 10P
   Dual 12-Bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5322 MAXIM-MAX5322 Datasheet
692Kb / 18P
   짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
Rev 2; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com