Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLS6G3135-120 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLS6G3135-120
Description  LDMOS S-Band radar power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS6G3135-120 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLS6G3135-120_15 Datasheet HTML 1Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 2Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 3Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 4Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 5Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 6Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 7Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 8Page - NXP Semiconductors BLS6G3135-120_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLS6G3135-120_6G3135S-120_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 29 May 2008
2 of 12
NXP Semiconductors
BLS6G3135-120; BLS6G3135S-120
LDMOS S-Band radar power transistor
1.3 Applications
I S-Band power amplifiers for radar applications in the 3.1 GHz to 3.5 GHz frequency
range
2.
Pinning information
[1]
Connected to flange
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
BLS6G3135-120 (SOT502A)
1
drain
2
gate
3
source
[1]
BLS6G3135S-120 (SOT502B)
1
drain
2
gate
3
source
[1]
3
2
1
sym112
1
3
2
3
2
1
sym112
1
3
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLS6G3135-120
-
flanged LDMOST ceramic package; 2 mounting holes;
2 leads
SOT502A
BLS6G3135S-120 -
earless flanged LDMOST ceramic package; 2 leads
SOT502B
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Min
Max
Unit
VDS
drain-source voltage
-
60
V
VGS
gate-source voltage
−0.5
+13
V
ID
drain current
-
7.2
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
225
°C


Similar Part No. - BLS6G3135-120_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G3135-120 NXP-BLS6G3135-120_08 Datasheet
84Kb / 12P
   LDMOS S-Band radar power transistor
Rev. 02-29 May 2008
More results

Similar Description - BLS6G3135-120_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLS6G2731S-130 PHILIPS-BLS6G2731S-130_15 Datasheet
143Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-18 November 2010
BLS7G2933S-150 PHILIPS-BLS7G2933S-150_15 Datasheet
129Kb / 12P
   LDMOS S-band radar power transistor
Rev. 2-23 February 2011
logo
Ampleon Netherlands B.V...
BLS9G2729L-350 AMPLEON-BLS9G2729L-350 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
BLS9G2934L-400 AMPLEON-BLS9G2934L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??6 April 2017
logo
NXP Semiconductors
BLS6G3135-20 PHILIPS-BLS6G3135-20_15 Datasheet
255Kb / 13P
   LDMOS S-Band radar power transistor
Rev. 4-11 March 2013
BLS7G2729L-350P PHILIPS-BLS7G2729L-350P_15 Datasheet
172Kb / 13P
   LDMOS S-band radar power transistor
Rev. 5-16 May 2014
BLS6G2933S-130 NXP-BLS6G2933S-130 Datasheet
78Kb / 11P
   LDMOS S-band radar power transistor
Rev. 01-11 December 2008
BLS6G3135-120 NXP-BLS6G3135-120 Datasheet
68Kb / 11P
   LDMOS S-Band radar power transistor
Rev. 01-14 August 2007
logo
Ampleon Netherlands B.V...
BLS9G2731L-400 AMPLEON-BLS9G2731L-400 Datasheet
1Mb / 13P
   LDMOS S-band radar power transistor
Rev. 1 ??13 April 2017
logo
NXP Semiconductors
BLS7G3135LS-200 PHILIPS-BLS7G3135LS-200_15 Datasheet
138Kb / 10P
   LDMOS S-band radar power transistor
Rev. 2-23 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com