Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBU0531 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 9DBU0531
Description  HCSL-compatible differential input
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBU0531 Datasheet(HTML) 4 Page - Integrated Device Technology

  9DBU0531 Datasheet HTML 1Page - Integrated Device Technology 9DBU0531 Datasheet HTML 2Page - Integrated Device Technology 9DBU0531 Datasheet HTML 3Page - Integrated Device Technology 9DBU0531 Datasheet HTML 4Page - Integrated Device Technology 9DBU0531 Datasheet HTML 5Page - Integrated Device Technology 9DBU0531 Datasheet HTML 6Page - Integrated Device Technology 9DBU0531 Datasheet HTML 7Page - Integrated Device Technology 9DBU0531 Datasheet HTML 8Page - Integrated Device Technology 9DBU0531 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
5 O/P 1.5V PCIE GEN1-2-3 FAN-OUT BUFFER
4
REVISION D 04/22/15
9DBU0531 DATASHEET
Test Loads
Driving LVDS
Rs
Rs
Low-Power Differential Output Test Load
2pF
2pF
5 inches
Zo=100ohm
Note: The device can drive transmission line lengths greater
than those allowed by the PCIe SIG
Alternate Differential Output Terminations
Rs
Zo
Units
33
100
27
85
Ohms
Driving LVDS inputs
Receiver has
termination
Receiver does not
have termination
R7a, R7b
10K ohm
140 ohm
R8a, R8b
5.6K ohm
75 ohm
Cc
0.1 uF
0.1 uF
Vcm
1.2 volts
1.2 volts
Component
Value
Note
Rs
Device
Rs
L4
Driving LVDS
Cc
Cc
R7a
R7b
R8a
R8b
LVDS Clock
input
3.3V


Similar Part No. - 9DBU0531

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBU0531 ICST-9DBU0531 Datasheet
184Kb / 16P
   slew rate for each output
logo
Renesas Technology Corp
9DBU0531 RENESAS-9DBU0531 Datasheet
407Kb / 18P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
MARCH 9, 2017
logo
Integrated Device Techn...
9DBU0531AKILF IDT-9DBU0531AKILF Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0531AKILFT IDT-9DBU0531AKILFT Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
9DBU0531AKLF IDT-9DBU0531AKLF Datasheet
213Kb / 17P
   5-Output 1.5V PCIe Gen1-2-3 Fanout Buffer
More results

Similar Description - 9DBU0531

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0841 IDT-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
9DBU0241 IDT-9DBU0241 Datasheet
296Kb / 17P
   HCSL-compatible differential input
9DBU0831 IDT-9DBU0831 Datasheet
308Kb / 17P
   HCSL-compatible differential input
9DBU0841 IDT-9DBU0841 Datasheet
309Kb / 17P
   HCSL-compatible differential input
9DBU0231 IDT-9DBU0231 Datasheet
295Kb / 17P
   HCSL compatible differential input
9DBU0441 IDT-9DBU0441 Datasheet
195Kb / 16P
   HCSL-compatible differential input
9DBU0631 IDT-9DBU0631 Datasheet
225Kb / 17P
   HCSL-compatible differential input
9DBV0431 IDT-9DBV0431 Datasheet
213Kb / 17P
   HCSL compatible differential input
logo
Integrated Circuit Syst...
9DBV0541 ICST-9DBV0541 Datasheet
165Kb / 16P
   HCSL compatible differential input
9DBV0841 ICST-9DBV0841 Datasheet
223Kb / 16P
   HCSL compatible differential input
logo
Integrated Device Techn...
9DBU0431 IDT-9DBU0431 Datasheet
194Kb / 16P
   HCSL-compatible differential input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com