Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8729PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRLR8729PBF
Description  Ultra-Low Gate Impedance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8729PBF Datasheet(HTML) 1 Page - International Rectifier

  IRLR8729PBF Datasheet HTML 1Page - International Rectifier IRLR8729PBF Datasheet HTML 2Page - International Rectifier IRLR8729PBF Datasheet HTML 3Page - International Rectifier IRLR8729PBF Datasheet HTML 4Page - International Rectifier IRLR8729PBF Datasheet HTML 5Page - International Rectifier IRLR8729PBF Datasheet HTML 6Page - International Rectifier IRLR8729PBF Datasheet HTML 7Page - International Rectifier IRLR8729PBF Datasheet HTML 8Page - International Rectifier IRLR8729PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.irf.com
1
11/23/09
IRLR8729PbF
IRLU8729PbF
HEXFET® Power MOSFET
Notes
 through … are on page 11
Benefits
l Very Low RDS(on) at 4.5V VGS
l Ultra-Low Gate Impedance
l Fully Characterized Avalanche Voltage
and Current
l Lead-Free
l RoHS compliant
Applications
l High Frequency Synchronous Buck
Converters for Computer Processor Power
l High Frequency Isolated DC-DC
Converters with Synchronous Rectification
for Telecom and Industrial Use
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
g
W
PD @TC = 100°C Maximum Power Dissipation g
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.73
RθJA
Junction-to-Ambient (PCB Mount)
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
0.37
27
300 (1.6mm from case)
-55 to + 175
55
Max.
58
f
41
f
260
± 20
30
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.
D-Pak
IRLR8729PbF
I-Pak
IRLU8729PbF
G
S
D
G
D
S
GD
S
Gate
Drain
Source
VDSS RDS(on) max
Qg
30V
8.9m
10nC
PD - 97352B


Similar Part No. - IRLR8729PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8729PBF IRF-IRLR8729PBF Datasheet
367Kb / 11P
   HEXFET Power MOSFET
IRLR8729PBF-1 IRF-IRLR8729PBF-1 Datasheet
237Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRLR8729PBF-1 IRF-IRLR8729PBF-1_15 Datasheet
237Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRLR8729PBF IRF-IRLR8729PBF_09 Datasheet
353Kb / 11P
   HEXFETPower MOSFET
More results

Similar Description - IRLR8729PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8259PBF IRF-IRLR8259PBF_15 Datasheet
375Kb / 11P
   Ultra-Low Gate Impedance
IRF7831PBF IRF-IRF7831PBF_15 Datasheet
270Kb / 10P
   Ultra-Low Gate Impedance
IRF7910PBF IRF-IRF7910PBF_15 Datasheet
223Kb / 8P
   Ultra-Low Gate Impedance
IRLR3717PBF IRF-IRLR3717PBF_15 Datasheet
272Kb / 12P
   Ultra-Low Gate Impedance
IRLR8726PBF IRF-IRLR8726PBF_15 Datasheet
360Kb / 11P
   Ultra-Low Gate Impedance
logo
Guangdong Youtai Semico...
IRF7455TR UMW-IRF7455TR Datasheet
373Kb / 8P
   Ultra-Low Gate Impedance
logo
International Rectifier
IRF8915PBF IRF-IRF8915PBF_15 Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRL3713PBF IRF-IRL3713PBF_15 Datasheet
284Kb / 12P
   Ultra-Low Gate Impedance
IRLR7807ZPBF IRF-IRLR7807ZPBF_15 Datasheet
273Kb / 12P
   Ultra-Low Gate Impedance
IRLR3802PBF IRF-IRLR3802PBF_15 Datasheet
287Kb / 11P
   Ultra-Low Gate Impedance
IRF7805ZPBF IRF-IRF7805ZPBF_15 Datasheet
275Kb / 10P
   Ultra-Low Gate Impedance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com