Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5839 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5839
Description  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5839 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5839 Datasheet HTML 1Page - Maxim Integrated Products MAX5839 Datasheet HTML 2Page - Maxim Integrated Products MAX5839 Datasheet HTML 3Page - Maxim Integrated Products MAX5839 Datasheet HTML 4Page - Maxim Integrated Products MAX5839 Datasheet HTML 5Page - Maxim Integrated Products MAX5839 Datasheet HTML 6Page - Maxim Integrated Products MAX5839 Datasheet HTML 7Page - Maxim Integrated Products MAX5839 Datasheet HTML 8Page - Maxim Integrated Products MAX5839 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
_______________________________________________________________________________________
5
1M
10M
-40
-35
-30
-25
-20
-10
-15
-5
0
5
1k
10k
100k
REFERENCE INPUT FREQUENCY RESPONSE
FREQUENCY (Hz)
REF_ _ _ _ _ = 200mVp-p
0
30
20
10
40
50
60
70
80
90
100
10
100
1000
10k
100k
SETTLING TIME vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
OUT
1V/div
D12
5V/div
5
µs/div
LARGE-SIGNAL STEP RESPONSE
OUT
1mV/div
LD
5
µs/div
POSITIVE SETTLING TIME
OUT
1mV/div
LD
5
µs/div
NEGATIVE SETTLING TIME
1000
100
10
100
1k
10k
NOISE VOLTAGE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
-0.20
-0.10
-0.15
0
-0.05
0.15
0.10
0.05
0.20
020
10
30
40
50
60
70
ZERO-SCALE AND FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
FULL SCALE
ZERO SCALE
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
10.2
10.4
025
70
IDD AND ISS
vs. TEMPERATURE (UNLOADED)
TEMPERATURE (°C)
IDD
ISS
15
17
21
19
23
25
020
10
30
40
50
60
70
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
Typical Operating Characteristics (continued)
(VDD = +14V, VSS = -9V, VCC = +5V, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +4.500V, VREF_ _ _ _- = -2.000V, TA = +25°C, unless
otherwise noted.)


Similar Part No. - MAX5839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5801 MAXIM-MAX5801 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5802 MAXIM-MAX5802 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5803 MAXIM-MAX5803 Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
MAX5803ATB MAXIM-MAX5803ATB Datasheet
3Mb / 31P
   Ultra-Small, Single-Channel, 8-/10-/12-Bit Buffered Output Voltage DACs with Internal Reference and I2C Interface
Rev 2; 6/13
More results

Similar Description - MAX5839

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com