Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLR8729PBF-1 Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR8729PBF-1
Description  Compatible with Existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR8729PBF-1 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR8729PBF-1 Datasheet HTML 2Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 3Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 4Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 5Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 6Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 7Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 8Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 9Page - International Rectifier IRLR8729PBF-1 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLR8729PbF-1
6
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 29, 2014
D.U.T.
VDS
ID
IG
3mA
VGS
.3
μF
50K
Ω
.2
μF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 13. Gate Charge Test Circuit
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 14a. Switching Time Test Circuit
Fig 14b. Switching Time Waveforms
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
4.4A
6.5A
BOTTOM 20A


Similar Part No. - IRLR8729PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR8729PBF IRF-IRLR8729PBF Datasheet
367Kb / 11P
   HEXFET Power MOSFET
IRLR8729PBF IRF-IRLR8729PBF Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
IRLR8729PBF IRF-IRLR8729PBF_09 Datasheet
353Kb / 11P
   HEXFETPower MOSFET
IRLR8729PBF IRF-IRLR8729PBF_15 Datasheet
353Kb / 11P
   Ultra-Low Gate Impedance
More results

Similar Description - IRLR8729PBF-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com