Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2020EPA Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG2020EPA
Description  2 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2020EPA Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG2020EPA_15 Datasheet HTML 5Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 6Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 7Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 8Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 9Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 10Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 11Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 12Page - NXP Semiconductors PMEG2020EPA_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PMEG2020EPA_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
9 of 14
NXP Semiconductors
PMEG2020EPA
2 A low VF MEGA Schottky barrier rectifier
8.
Test information
The current ratings for the typical waveforms as shown in Figure 8, 9, 10 and 11 are
calculated according to the equations:
with IM defined as peak current,
at DC, and
with IRMS defined as RMS current.
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 13. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
I
FAV
()
I
M
δ
×
=
I
RMS
I
FAV
()
=
I
RMS
I
M
δ
×
=
Fig 14. Package outline SOT1061
09-11-12
Dimensions in mm
0.65
max
2.1
1.9
1.6
1.4
0.35
0.25
0.45
0.35
2.1
1.9
1.1
0.9
0.3
0.2
1.05
0.95
1.3
2
3
1


Similar Part No. - PMEG2020EPA_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2020EPAS NEXPERIA-PMEG2020EPAS Datasheet
713Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG2020EPAS PHILIPS-PMEG2020EPAS_15 Datasheet
230Kb / 15P
   20 V, 2 A low VF MEGA Schottky barrier rectifier
19 January 2015
More results

Similar Description - PMEG2020EPA_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
PMEG3020BER NXP-PMEG3020BER Datasheet
99Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG4020EPA NXP-PMEG4020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 December 2009
PMEG6020EPA PHILIPS-PMEG6020EPA Datasheet
164Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2-17 June 2010
PMEG3020CEP PHILIPS-PMEG3020CEP_15 Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
logo
Nexperia B.V. All right...
PMEG6020EPA NEXPERIA-PMEG6020EPA Datasheet
277Kb / 15P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 2 - 17 June 2010
logo
NXP Semiconductors
PMEG3020EP NXP-PMEG3020EP Datasheet
98Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 September 2009
PMEG4020ER NXP-PMEG4020ER Datasheet
101Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-22 October 2009
logo
Nexperia B.V. All right...
PMEG6020ER NEXPERIA-PMEG6020ER Datasheet
248Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
PMEG3020EPA NEXPERIA-PMEG3020EPA Datasheet
274Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 December 2009
PMEG4020EPA NEXPERIA-PMEG4020EPA Datasheet
275Kb / 14P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01 - 16 December 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com