Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5858 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5858
Description  Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5858 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5858 Datasheet HTML 1Page - Maxim Integrated Products MAX5858 Datasheet HTML 2Page - Maxim Integrated Products MAX5858 Datasheet HTML 3Page - Maxim Integrated Products MAX5858 Datasheet HTML 4Page - Maxim Integrated Products MAX5858 Datasheet HTML 5Page - Maxim Integrated Products MAX5858 Datasheet HTML 6Page - Maxim Integrated Products MAX5858 Datasheet HTML 7Page - Maxim Integrated Products MAX5858 Datasheet HTML 8Page - Maxim Integrated Products MAX5858 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Dual, 10-Bit, 300Msps, Current-Output DAC with
4x/2x/1x Interpolation Filters
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(AVDD = DVDD = CVDD = 3V, AGND = DGND = CGND = 0, fDAC = 165Msps, no interpolation, external reference, VREF = 1.2V,
IFS = 20mA, output amplitude = 0dB FS, differential output, TA = TMIN to TMAX, unless otherwise noted. TA > +25°C guaranteed by
production test. TA < +25°C guaranteed by design and characterization. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion to
Nyquist
THD
fDAC = 165Msps; fOUT = 5MHz
-72
dB
Noise Spectral Density
ND
fDAC = 165Msps; fOUT = 5MHz
-143
dBm/Hz
Output Channel-to-Channel
Isolation
fOUT = 5MHz
80
dB
Gain Mismatch Between
Channels
fOUT = 5MHz
±0.05
dB
Phase Mismatch Between
Channels
fOUT = 5MHz
±0.15
Degrees
Wideband Output Noise
50
pA/
√Hz
ANALOG OUTPUT
Full-Scale Output Current Range
IFS
220
mA
Output Voltage Compliance
Range
-1.00
+1.25
V
Output Leakage Current
Power-down or standby mode
-5
+5
µA
REFERENCE
Reference Output Voltage
VREF0
REN = AGND
1.14
1.24
1.32
V
Output-Voltage Temperature Drift
TCVREF
±50
ppm/
°C
Reference Output Drive
Capability
50
µA
Reference Input Voltage Range
REN = AVDD
0.10
1.25
V
Reference Supply Rejection
0.2
mV/V
Current Gain
IFS/IREF
32
mA/mA
INTERPOLATION FILTER (2x interpolation)
-0.005dB
0.398
-0.01dB
0.402
-0.1dB
0.419
Passband Width
fOUT/
0.5fDAC
-3dB
0.478
MHz/
MHz
0.604fDAC / 2 to 1.396fDAC / 2
74
0.600fDAC / 2 to 1.400fDAC / 2
62
0.594fDAC / 2 to 1.406fDAC / 2
53
Stopband Rejection
0.532fDAC / 2 to 1.468fDAC / 2
14
dB
Group Delay
18
Data
clock
cycles
Impulse Response Duration
22
Data
clock
cycles


Similar Part No. - MAX5858

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858AECM MAXIM-MAX5858AECM Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
More results

Similar Description - MAX5858

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5858A MAXIM-MAX5858A Datasheet
909Kb / 25P
   Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
   Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
logo
Maxim Integrated Produc...
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
MAX5547 MAXIM-MAX5547 Datasheet
799Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 0; 2/06
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
   300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com