Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5858A Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5858A
Description  Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x Interpolation Filters and PLL
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5858A Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5858A Datasheet HTML 1Page - Maxim Integrated Products MAX5858A Datasheet HTML 2Page - Maxim Integrated Products MAX5858A Datasheet HTML 3Page - Maxim Integrated Products MAX5858A Datasheet HTML 4Page - Maxim Integrated Products MAX5858A Datasheet HTML 5Page - Maxim Integrated Products MAX5858A Datasheet HTML 6Page - Maxim Integrated Products MAX5858A Datasheet HTML 7Page - Maxim Integrated Products MAX5858A Datasheet HTML 8Page - Maxim Integrated Products MAX5858A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX5858A dual, 10-bit, 300Msps digital-to-analog
converter (DAC) provides superior dynamic performance
in wideband communication systems. The MAX5858A
integrates two 10-bit DAC cores, 4x/2x/1x programmable
digital interpolation filters, phase-lock loop (PLL) clock
multiplier, and a 1.24V reference. The MAX5858A sup-
ports single-ended and differential modes of operation.
The MAX5858A dynamic performance is maintained over
the entire power-supply operating range of 2.7V to 3.3V.
The analog outputs support a compliance voltage of
-1.0V to +1.25V.
The 4x/2x/1x programmable interpolation filters feature
excellent passband distortion and noise performance.
Interpolating filters minimize the design complexity of
analog reconstruction filters while lowering the data bus
and the clock speeds of the digital interface. The PLL
multiplier generates all internal, synchronized high-
speed clock signals for interpolating filter operation and
DAC core conversion. The internal PLL helps minimize
system complexity and lower cost. To reduce the I/O pin
count, the DAC can also operate in interleave data
mode. This allows the MAX5858A to be updated on a
single 10-bit bus.
The MAX5858A features digital control of channel gain
matching to within ±0.4dB in sixteen 0.05dB steps.
Channel matching improves sideband suppression in
analog quadrature modulation applications. The on-
chip 1.24V bandgap reference includes a control
amplifier that allows external full-scale adjustments of
both channels through a single resistor. The internal ref-
erence can be disabled and an external reference can
be applied for high-accuracy applications.
The MAX5858A features full-scale current outputs of
2mA to 20mA and operates from a 2.7V to 3.3V single
supply. The DAC supports three modes of power-con-
trol operation: normal, low-power standby, and com-
plete power-down. In power-down mode, the operating
current is reduced to 1µA.
The MAX5858A is packaged in a 48-pin TQFP with
exposed paddle (EP) for enhanced thermal dissipation
and is specified for the extended (-40°C to +85°C) opera-
ting temperature range.
Applications
Communications
SatCom, LMDS, MMDS, HFC, DSL, WLAN,
Point-to-Point Microwave Links
Wireless Base Stations
Direct Digital Synthesis
Instrumentation/ATE
Features
o 10-Bit Resolution, Dual DAC
o 300Msps Update Rate
o Integrated 4x/2x/1x Interpolating Filters
o Internal PLL Multiplier
o 2.7V to 3.3V Single Supply
o Full Output Swing and Dynamic Performance at
2.7V Supply
o Superior Dynamic Performance
73dBc SFDR at fOUT = 20MHz
UMTS ACLR = 63dB at fOUT = 30.7MHz
o Programmable Channel Gain Matching
o Integrated 1.24V Low-Noise Bandgap Reference
o Single-Resistor Gain Control
o Interleave Data Mode
o Differential Clock Input Modes
o EV Kit Available—MAX5858AEVKit
Dual, 10-Bit, 300Msps, DAC with 4x/2x/1x
Interpolation Filters and PLL
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2999; Rev 0; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX5858AECM
-40°C to +85°C
48 TQFP-EP*
DA9/PD
DA8/DACEN
DA7/F2EN
DA3/G1
DA4/G2
NOTE: EXPOSED PADDLE CONNECTED TO GND.
DVDD
DGND
DA5/G3
DA6/F1EN
DA2/G0
PGND
PVDD
CLKXN
CLKXP
PLLEN
LOCK
PLLF
REFO
DA0
DB1
DB0
DA1
TQFP-EP
REN
CW
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43
EP
42 41 40 39 38 37
MAX5858A
Pin Configuration
*EP = Exposed paddle.


Similar Part No. - MAX5858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
MAX5858ECM MAXIM-MAX5858ECM Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
More results

Similar Description - MAX5858A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5856A MAXIM-MAX5856A Datasheet
781Kb / 23P
   Dual 8-Bit, 300Msps DAC with 4x/2x/1x Interpolation Filters and PLL
Rev 0; 10/03
MAX5858 MAXIM-MAX5858 Datasheet
809Kb / 23P
   Dual, 10-Bit, 300Msps, Current-Output DAC with 4x/2x/1x Interpolation Filters
Rev 0; 7/03
logo
Analog Devices
AD9761 AD-AD9761 Datasheet
246Kb / 23P
   Dual 10-Bit TxDAC??with 2x Interpolation Filters
REV. A
AD9774 AD-AD9774 Datasheet
313Kb / 24P
   14-Bit, 32 MSPS TxDAC??with 4x Interpolation Filters
REV. B
logo
Cirrus Logic
CS2300-02 CIRRUS-CS2300-02 Datasheet
90Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
CS2300-01 CIRRUS-CS2300-01 Datasheet
92Kb / 3P
   1x, 2x, 4x, and 8x Clock Multiplier with Internal LCO
logo
JDS Uniphase Corporatio...
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
   300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
logo
Analog Devices
AD9772 AD-AD9772 Datasheet
340Kb / 30P
   14-Bit, 150 MSPS TxDAC??with 2x Interpolation Filter
REV. 0
AD9772A AD-AD9772A Datasheet
596Kb / 32P
   14-Bit, 160 MSPS TxDAC with 2x Interpolation Filter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com