Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5863 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5863
Description  Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5863 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5863 Datasheet HTML 1Page - Maxim Integrated Products MAX5863 Datasheet HTML 2Page - Maxim Integrated Products MAX5863 Datasheet HTML 3Page - Maxim Integrated Products MAX5863 Datasheet HTML 4Page - Maxim Integrated Products MAX5863 Datasheet HTML 5Page - Maxim Integrated Products MAX5863 Datasheet HTML 6Page - Maxim Integrated Products MAX5863 Datasheet HTML 7Page - Maxim Integrated Products MAX5863 Datasheet HTML 8Page - Maxim Integrated Products MAX5863 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Ultra-Low-Power, High-Dynamic
Performance, 7.5Msps Analog Front End
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 7.5MHz, ADC input amplitude = -0.5dBFS,
DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM = 0.33µF, Xcvr mode, unless
otherwise noted. Typical values are at TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ADC DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity
INL
±0.15
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±0.13
LSB
Offset Error
Residual DC offset error
±0.17
±5
%FS
Gain Error
Includes reference error
±0.71
±5
%FS
DC Gain Matching
±0.03
±0.25
dB
Offset Matching
±3
LSB
Gain Temperature Coefficient
±30
ppm/
°C
Offset error (VDD
±5%)
±0.2
Power-Supply Rejection
PSRR
Gain error (VDD
±5%)
±0.07
LSB
ADC ANALOG INPUT
Input Differential Range
VID
Differential or single-ended inputs
±0.512
V
Input Common-Mode Voltage
Range
VDD / 2
V
RIN
Switched capacitor load
720
k
Input Impedance
CIN
5pF
ADC CONVERSION RATE
Maximum Clock Frequency
fCLK
(Note 2)
7.5
MHz
Channel I
5
Data Latency
Channel Q
5.5
Clock
cycles
ADC DYNAMIC CHARACTERISTICS (Note 3)
fIN = 1.875MHz
47
48.6
Signal-to-Noise Ratio
SNR
fIN = 3.75MHz
48.5
dB
fIN = 1.875MHz
46.5
48.6
Signal-to-Noise and Distortion
Ratio
SINAD
fIN = 3.75MHz
48.5
dB
fIN = 1.875MHz
58
69
Spurious-Free Dynamic Range
SFDR
fIN = 3.75MHz
68.3
dBc
fIN = 1.875MHz
-71
Third-Harmonic Distortion
HD3
fIN = 3.75MHz
-69
dBc
Intermodulation Distortion
IMD
f1 = 2MHz, -7dBFS;
f2 = 2.01MHz, -7dBFS
-66
dBc
Third-Order Intermodulation
Distortion
IM3
f1 = 2MHz, -7dBFS;
f2 = 2.01MHz, -7dBFS
-70
dBc
fIN = 1.875MHz
-68.6
-57
Total Harmonic Distortion
THD
fIN = 3.75MHz
-67
dBc


Similar Part No. - MAX5863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864E/D MAXIM-MAX5864E/D Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864ETM MAXIM-MAX5864ETM Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
More results

Similar Description - MAX5863

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5865 MAXIM-MAX5865 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
19-2916; Rev 1; 10/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com