Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5863ETM Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5863ETM
Description  Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5863ETM Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5863ETM Datasheet HTML 1Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 2Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 3Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 4Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 5Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 6Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 7Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 8Page - Maxim Integrated Products MAX5863ETM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Ultra-Low-Power, High-Dynamic
Performance, 7.5Msps Analog Front End
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 7.5MHz, ADC input amplitude = -0.5dBFS,
DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN = CCOM = 0.33µF, Xcvr mode, unless
otherwise noted. Typical values are at TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DAC ANALOG OUTPUT
Full-Scale Output Voltage
VFS
±400
mV
Output Common-Mode Range
1. 29
1. 5
V
ADC-DAC INTERCHANNEL CHARACTERISTICS
ADC-DAC Isolation
ADC fINI = fINQ = 1.875MHz, DAC fOUTI =
fOUTQ = 620kHz, fCLK = 7.5MHz
75
dB
ADC-DAC TIMING CHARACTERISTICS
CLK Rise to I-ADC Channel-I
Output Data Valid
tDOI
Figure 3 (Note 4)
7.4
9
ns
CLK Fall to Q-ADC Channel-Q
Output Data Valid
tDOQ
Figure 3 (Note 4)
6.9
9
ns
I-DAC Data to CLK Fall Setup
Time
tDSI
Figure 4 (Note 4)
10
ns
Q-DAC Data to CLK Rise Setup
Time
tDSQ
Figure 4 (Note 4)
10
ns
CLK Fall to I-DAC Data Hold
Time
tDHI
Figure 4 (Note 4)
0
ns
CLK rise to Q-DAC Data Hold
Time
tDHQ
Figure 4 (Note 4)
0
ns
Clock Duty Cycle
50
%
CLK Duty-Cycle Variation
±15
%
Digital Output Rise/Fall Time
20% to 80%
2.6
ns
SERIAL INTERFACE TIMING CHARACTERISTICS
Falling Edge of CS to Rising
Edge of First SCLK Time
tCSS
Figure 5 (Note 4)
10
ns
DIN to SCLK Setup Time
tDS
Figure 5 (Note 4)
10
ns
DIN to SCLK Hold Time
tDH
Figure 5 (Note 4)
0
ns
SCLK Pulse Width High
tCH
Figure 5 (Note 4)
25
ns
SCLK Pulse Width Low
tCL
Figure 5 (Note 4)
25
ns
SCLK Period
tCP
Figure 5 (Note 4)
50
ns
SCLK to CS Setup Time
tCS
Figure 5 (Note 4)
0
ns
CS High Pulse Width
tCSW
Figure 5 (Note 4)
80
ns
MODE RECOVERY TIMING CHARACTERISTICS
From shutdown to Rx mode, Figure 6, ADC
settles to within 1dB
20
Shutdown Wake-Up Time
tWAKE,SD
From shutdown to Tx mode, Figure 6, DAC
settles to within 10 LSB error.
40
µs


Similar Part No. - MAX5863ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864E/D MAXIM-MAX5864E/D Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5864ETM MAXIM-MAX5864ETM Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
More results

Similar Description - MAX5863ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
MAX5865 MAXIM-MAX5865 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
19-2916; Rev 1; 10/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com