Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5865 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5865
Description  Ultra-Low-Power, High-Dynamic- Performance, 40Msps Analog Front End
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5865 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5865 Datasheet HTML 7Page - Maxim Integrated Products MAX5865 Datasheet HTML 8Page - Maxim Integrated Products MAX5865 Datasheet HTML 9Page - Maxim Integrated Products MAX5865 Datasheet HTML 10Page - Maxim Integrated Products MAX5865 Datasheet HTML 11Page - Maxim Integrated Products MAX5865 Datasheet HTML 12Page - Maxim Integrated Products MAX5865 Datasheet HTML 13Page - Maxim Integrated Products MAX5865 Datasheet HTML 14Page - Maxim Integrated Products MAX5865 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Ultra-Low-Power, High-Dynamic-
Performance, 40Msps Analog Front End
______________________________________________________________________________________
11
ADC INTEGRAL NONLINEARITY
DIGITAL OUTPUT CODE
224
192
128 160
64
96
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
ADC DIFFERENTIAL NONLINEARITY
DIGITAL OUTPUT CODE
224
192
128 160
64
96
32
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
256
DAC INTEGRAL NONLINEARITY
DIGITAL INPUT CODE
896
768
512 640
256 384
128
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
1024
DAC DIFFERENTIAL NONLINEARITY
DIGITAL INPUT CODE
896
768
512 640
256 384
128
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
0
1024
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.505
0.510
0.515
0.520
0.500
-40
85
VREFP - VREFN
Typical Operating Characteristics (continued)
(VDD = DVDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 40MHz 50% duty cycle, ADC
input amplitude = -0.5dBFS, DAC output amplitude = 0dBFS, differential ADC input, differential DAC output, CREFP = CREFN =
CCOM = 0.33µF, Xcvr mode, TA = +25
°C, unless otherwise noted.)
DAC CHANNEL-QD TWO-TONE
SPECTRAL PLOT
FREQUENCY (MHz)
18.0
14.5
11.0
7.5
4.0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
0.5
f1
f2
f1 = 4MHz, f2 = 4.5MHz, -7dBFS
SUPPLY CURRENT
vs. SAMPLING RATE
SAMPLING RATE (MHz)
38
36
34
32
30
28
26
24
5
10
15
20
25
30
0
22
40
IDD
IOVDD
Xcvr MODE


Similar Part No. - MAX5865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5861 MAXIM-MAX5861 Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863E/D MAXIM-MAX5863E/D Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5863ETM MAXIM-MAX5863ETM Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results

Similar Description - MAX5865

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
MAX5866 MAXIM-MAX5866 Datasheet
737Kb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 60Msps Analog Front End
Rev 0; 2/04
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com