Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5885EGM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5885EGM
Description  3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5885EGM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5885EGM Datasheet HTML 2Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 3Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 4Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 5Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 6Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 7Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 8Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 9Page - Maxim Integrated Products MAX5885EGM Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
3.3V, 16-Bit, 200Msps High Dynamic
Performance DAC with CMOS Inputs
_______________________________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
B1
Data Bit 1
2
B0
Data Bit 0 (LSB)
3XOR
XOR Input Pin.
XOR = 1 inverts the digital input data.
XOR = 0 leaves the digital input data unchanged.
XOR has an internal pulldown resistor and may be left unconnected if not used.
4, 9
VCLK
Clock Supply Voltage. Accepts a supply voltage range of 3.135V to 3.465V. Bypass each pin with a
0.1µF capacitor to the nearest CLKGND.
5, 8
CLKGND
Clock Ground
6
CLKP
Converter Clock Input. Positive input terminal for the converter clock.
7
CLKN
Complementary Converter Clock Input. Negative input terminal for the converter clock.
10
PD
Power-Down Input. PD pulled high enables the DAC’s power-down mode. PD pulled low allows for
normal operation of the DAC.
11, 21, 23
AVDD
Analog Supply Voltage. Accepts a supply voltage range of 3.135V to 3.465V. Bypass each pin with a
0.1µF capacitor to the nearest AGND.
12, 17, 20,
22, 24, EP
AGND
Analog Ground. Exposed paddle (EP) must be connected to AGND.
13
REFIO
Reference I/O. Output of the internal 1.2V precision bandgap reference. Bypass with a 0.1µF
capacitor to AGND. Can be driven with an external reference source.
14
FSADJ
Full-Scale Adjust Input. This input sets the full-scale output current of the DAC. For 20mA full-scale
output current, connect a 2k
Ω resistor between FSADJ and DACREF.
15
DACREF
Return Path for the Current Set Resistor. For 20mA full-scale output current, connect a 2k
Ω resistor
between FSADJ and DACREF.
16, 25, 26,
27, 28, 29
N.C.
No connection. Do not connect to these pins. Do not tie these pins together.
18
IOUTN
Complementary DAC Output. Negative terminal for differential current output. The full-scale output
current range can be set from 2mA to 20mA.
19
IOUTP
DAC Output. Positive terminal for differential current output. The full-scale output current range can
be set from 2mA to 20mA.
30
SEL0
Mode Select Input SEL0. This pin has an internal pulldown resistor; it can be left open to disable the
segment-shuffling function (see the Segment Shuffling section).
31, 43
DVDD
Digital Supply Voltage. Accepts a supply voltage range of 3.135V to 3.465V. Bypass each pin with a
0.1µF capacitor to the nearest DGND.
32, 42
DGND
Digital Ground
33
B15
Data Bit 15 (MSB)
34
B14
Data Bit 14
35
B13
Data Bit 13
36
B12
Data Bit 12
37
B11
Data Bit 11


Similar Part No. - MAX5885EGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5883EGM MAXIM-MAX5883EGM Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5884EGM MAXIM-MAX5884EGM Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results

Similar Description - MAX5885EGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5887 MAXIM-MAX5887 Datasheet
982Kb / 18P
   3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2777; Rev 1; 10/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5895 MAXIM-MAX5895 Datasheet
807Kb / 32P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com