Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF183 Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCF183
Description  High Performance Sensorless Motor Control IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF183 Datasheet(HTML) 5 Page - International Rectifier

  IRMCF183_15 Datasheet HTML 1Page - International Rectifier IRMCF183_15 Datasheet HTML 2Page - International Rectifier IRMCF183_15 Datasheet HTML 3Page - International Rectifier IRMCF183_15 Datasheet HTML 4Page - International Rectifier IRMCF183_15 Datasheet HTML 5Page - International Rectifier IRMCF183_15 Datasheet HTML 6Page - International Rectifier IRMCF183_15 Datasheet HTML 7Page - International Rectifier IRMCF183_15 Datasheet HTML 8Page - International Rectifier IRMCF183_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
IRMCF183M
5 www.irf.com
© 2014 International Rectifier
October 2, 2014
1 Overview
IRMCF183M is a new generation International Rectifier integrated circuit device primarily designed as a
one-chip solution for complete inverter controlled appliance motor control applications. Unlike a traditional
microcontroller or DSP, the IRMCF183M provides a built-in closed loop sensorless control algorithm
using the unique flexible Motion Control Engine (MCE
TM) for permanent magnet motors as well as
induction motors.
The MCE
TM
consists of a collection of control elements, motion peripherals, a
dedicated motion control sequencer and dual port RAM to map internal signal nodes. IRMCF183M also
employs a unique single shunt current reconstruction circuit in addition to two leg shunt current sensing
circuit to eliminate additional analog/digital circuitry and enables a direct shunt resistor interface to the IC.
Motion control programming is achieved using a dedicated graphical compiler integrated into the
MATLAB/Simulink
TM development environment. Sequencing, user interface, host communication, and
upper layer control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051
microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows
a typical application schematic using the IRMCF183M.
IRMCF183M is available in a 32-pin QFN package.
IRMCF183
Power
Supply
600V High
Voltage IC
Digial I/O
3.3V
Passive
EMI
Filter
Host
communication
Permanent
Magnet Motor
Galvanic
isolation
EEPROM
Analog Input
7
4
2
Optional
IRAM module
Figure 1 Typical Application Block Diagram Using IRMCF183M


Similar Part No. - IRMCF183_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF188 IRF-IRMCF188 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188TR IRF-IRMCF188TR Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188TY IRF-IRMCF188TY Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCF183_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com