Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCF312 Datasheet(PDF) 4 Page - International Rectifier

Part # IRMCF312
Description  Dual Channel Sensorless Motor Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCF312 Datasheet(HTML) 4 Page - International Rectifier

  IRMCF312 Datasheet HTML 1Page - International Rectifier IRMCF312 Datasheet HTML 2Page - International Rectifier IRMCF312 Datasheet HTML 3Page - International Rectifier IRMCF312 Datasheet HTML 4Page - International Rectifier IRMCF312 Datasheet HTML 5Page - International Rectifier IRMCF312 Datasheet HTML 6Page - International Rectifier IRMCF312 Datasheet HTML 7Page - International Rectifier IRMCF312 Datasheet HTML 8Page - International Rectifier IRMCF312 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
IRMCF312
4
1 Overview
IRMCF312 is a new International Rectifier integrated circuit device primarily designed as a one-
chip solution for complete inverter controlled appliance dual motor control applications. Unlike a
traditional microcontroller or DSP, the IRMCF312 provides a built-in closed loop sensorless
control algorithm using the unique Motion Control Engine (MCETM) for permanent magnet
motors. The MCETM consists of a collection of control elements, motion peripherals, a dedicated
motion control sequencer and dual port RAM to map internal signal nodes. IRMCF312 also
employs a unique single shunt current reconstruction circuit to eliminate additional analog/digital
circuitry and enables a direct shunt resistor interface to the IC. The sensorless control is the same
for both motors with a single shunt current sensing capability. Motion control programming is
achieved using a dedicated graphical compiler integrated into the MATLAB/SimulinkTM
development environment. Sequencing, user interface, host communication, and upper layer
control tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051
microcontroller is equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1
shows a typical application schematic using IRMCF312.
IRMCF312 is intended for development purpose and contains 48K bytes of RAM, which can be
loaded from external EEPROM for 8051 program execution. For high volume production,
IRMCK312 contains OTP ROM in place of program RAM to reduce the cost. Both IRMCF312
and IRMCK312 come in the same 100-pin QFP package with identical pin configuration to
facilitate PC board layout and transition to mass production
Figure 1.
Typical Application Block Diagram Using IRMCF312


Similar Part No. - IRMCF312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCF312 IRF-IRMCF312 Datasheet
227Kb / 8P
   Dual Channel Sensorless PM Motor Control IC MCETM(Motion Control Engine) based sinusoidal sensorless control
More results

Similar Description - IRMCF312

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCK312 IRF-IRMCK312_15 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC
IRMCF311 IRF-IRMCF311_15 Datasheet
454Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK312 IRF-IRMCK312 Datasheet
622Kb / 37P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCF311 IRF-IRMCF311 Datasheet
646Kb / 33P
   Dual Channel Sensorless Motor Control IC for Appliances
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK343 IRF-IRMCK343_15 Datasheet
659Kb / 35P
   Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com