Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5887 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5887
Description  3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5887 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5887 Datasheet HTML 1Page - Maxim Integrated Products MAX5887 Datasheet HTML 2Page - Maxim Integrated Products MAX5887 Datasheet HTML 3Page - Maxim Integrated Products MAX5887 Datasheet HTML 4Page - Maxim Integrated Products MAX5887 Datasheet HTML 5Page - Maxim Integrated Products MAX5887 Datasheet HTML 6Page - Maxim Integrated Products MAX5887 Datasheet HTML 7Page - Maxim Integrated Products MAX5887 Datasheet HTML 8Page - Maxim Integrated Products MAX5887 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5887 is an advanced, 14-bit, 500Msps digital-
to-analog converter (DAC) designed to meet the
demanding performance requirements of signal synthe-
sis applications found in wireless base stations and
other communications applications. Operating from a
single 3.3V supply, this DAC offers exceptional dyna-
mic performance such as 76dBc spurious-free dynamic
range (SFDR) at fOUT = 30MHz. The DAC supports
update rates of 500Msps and a power dissipation of
only 230mW.
The MAX5887 utilizes a current-steering architecture,
which supports a full-scale output current range of 2mA
to 20mA, and allows a differential output voltage swing
between 0.1VP-P and 1VP-P.
The MAX5887 features an integrated 1.2V bandgap ref-
erence and control amplifier to ensure high accuracy
and low noise performance. Additionally, a separate
reference input pin enables the user to apply an exter-
nal reference source for optimum flexibility and to
improve gain accuracy.
The digital and clock inputs of the MAX5887 are
designed for differential low-voltage differential signal
(LVDS)-compatible voltage levels. The MAX5887 is
available in a 68-pin QFN package with an exposed
paddle (EP) and is specified for the extended industrial
temperature range (-40°C to +85°C).
Refer to the MAX5886 and MAX5888 data sheets for
pin-compatible 12- and 16-bit versions of the MAX5887.
Applications
Base Stations: Single/Multicarrier UMTS,
CDMA, GSM
Communications: LMDS, MMDS, Point-to-Point
Microwave
Digital Signal Synthesis
Automated Test Equipment (ATE)
Instrumentation
Features
♦ 500Msps Output Update Rate
♦ Single 3.3V Supply Operation
♦ Excellent SFDR and IMD Performance
SFDR = 76dBc at fOUT = 30MHz (to Nyquist)
IMD = -85dBc at fOUT = 10MHz
ACLR = 72dB at fOUT = 61MHz
♦ 2mA to 20mA Full-Scale Output Current
♦ Differential, LVDS-Compatible Digital and Clock
Inputs
♦ On-Chip 1.2V Bandgap Reference
♦ Low 130mW Power Dissipation
♦ 68-Lead QFN-EP Package
3.3V, 14-Bit, 500Msps High Dynamic
Performance DAC with Differential LVDS Inputs
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2777; Rev 1; 10/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5887EGK
-40
°C to +85°C
68 QFN-EP*
58
59
60
61
62
54
55
56
57
63
38
39
40
41
42
43
44
45
46
47
VCLK
QFN
TOP VIEW
52
53
B11N
B11P
B12N
B12P
B13N
B13P
DGND
DVDD
SEL0
N.C.
35
36
37
N.C.
N.C.
N.C.
DVDD
DGND
N.C.
N.C.
N.C.
VCLK
CLKGND
CLKN
CLKP
CLKGND
N.C.
B0N
B0P
B1N
48
B10P
B1P
64
65
66
67
68
23
22
21
20
19
27
26
25
24
18
29
28
32
31
30
34
33
49
50
B9P
B10N
51
B9N
11
10
9
8
7
6
5
4
3
2
16
15
14
13
12
1
PD 17
MAX5887
EP
Pin Configuration
*EP = Exposed paddle.


Similar Part No. - MAX5887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5887 MAXIM-MAX5887 Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
MAX5887EGK-D++ MAXIM-MAX5887EGK-D+ Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
MAX5887EVKIT# MAXIM-MAX5887EVKIT# Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
More results

Similar Description - MAX5887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com