Electronic Components Datasheet Search |
|
IRMCF341 Datasheet(PDF) 9 Page - International Rectifier |
|
IRMCF341 Datasheet(HTML) 9 Page - International Rectifier |
9 / 32 page IRMCF341 9 P1.3/SYNC/SCK Input/output port 1.3, can be configured as SYNC output or SPI clock output, needs to be pulled up to VDD1 in order to boot from I2C EEPROM P1.4/CAP Input/output port 1.4, can be configured as Capture Timer input P1.5 Input/output port 1.5 P1.6 Input/output port 1.6 P1.7 Input/output port 1.7 P2.0/NMI Input/output port 2.0, can be configured as non-maskable interrupt input P2.1 Input/output port 2.1 P2.2 Input/output port 2.2 P2.3 Input/output port 2.3 P2.4 Input/output port 2.4 P2.5 Input/output port 2.5 P2.6/AOPWM0 Input/output port 2.6, can be configured as AOPWM0 output P2.7/AOPWM1 Input/output port 2.7, can be configured as AOPWM1 output P3.0/INT2/CS1 Input/output port 3.0, can be configured as INT2 input or SPI chip select 1 P3.1/AOPWM2 Input/output port 3.1, can be configured as AOPWM2 output P3.2/NINT0 Input/output port 3.2, can be configured as INT0 input P3.3/NINT1 Input/output port 3.3, can be configured as INT1 input P3.5/T1 Input/output port 3.5, can be configured as Timer/Counter 1 input P5.1/TSM Input/output port 5.1, configured as JTAG port by default P5.2/TDO Input/output port 5.2, configured as JTAG port by default P5.3/TDI Input/output port 5.3, configured as JTAG port by default Analog Output Interface P2.6/AOPWM0 Input/output, can be configured as 8-bit PWM output 0 with programmable carrier frequency P2.7/AOPWM1 Input/output, can be configured as 8-bit PWM output 1 with programmable carrier frequency P3.1/AOPWM2 Input/output, can be configured as 8-bit PWM output 2 with programmable carrier frequency Crystal Interface XTAL0 Input, connected to crystal XTAL1 Output, connected to crystal Reset Interface RESET Inout, system reset, needs to be pulled up to VDD1 but doesn’t require external RC time constant I 2C Interface SCL/SO-SI Output, I2C clock output, or SPI data SDA/CS0 Input/output, I2C Data line or SPI chip select 0 I 2C/SPI Interface SCL/SO-SI Output, I2C clock output, or SPI data SDA/CS0 Input/output, I2C data line or SPI chip select 0 |
Similar Part No. - IRMCF341 |
|
Similar Description - IRMCF341 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |