Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3010ESB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMEG3010ESB
Description  30 V, 1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG3010ESB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMEG3010ESB_15 Datasheet HTML 2Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 3Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 4Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 5Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 6Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 7Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 8Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 9Page - NXP Semiconductors PMEG3010ESB_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PMEG3010ESB
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010ESB
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
1 July 2015
6 / 14
10. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)R
reverse breakdown
voltage
IR = 1 mA; tp = 300 µs; δ = 0.02;
Tj = 25 °C
30
-
-
V
IF = 1 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
205
-
mV
IF = 10 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
265
-
mV
IF = 100 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
340
375
mV
IF = 200 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
370
-
mV
IF = 500 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
425
475
mV
IF = 700 mA; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
455
-
mV
VF
forward voltage
IF = 1 A; tp ≤ 300 µs; δ ≤ 0.02;
Tj = 25 °C
-
495
565
mV
VR = 5 V; tp ≤ 3 ms; δ ≤ 0.3; Tj = 25 °C
-
0.9
-
µA
VR = 10 V; tp ≤ 3 ms; δ ≤ 0.3; Tj = 25 °C
-
1.6
5
µA
VR = 20 V; tp ≤ 3 ms; δ ≤ 0.3; Tj = 25 °C
-
3.5
12
µA
IR
reverse current
VR = 30 V; tp ≤ 3 ms; δ ≤ 0.3; Tj = 25 °C
-
12
45
µA
VR = 1 V; f = 1 MHz; Tj = 25 °C
-
86
-
pF
Cd
diode capacitance
VR = 10 V; f = 1 MHz; Tj = 25 °C
-
32
-
pF
trr
reverse recovery time
IF = 0.5 A; IR = 0.5 A; IR(meas) = 0.1 A;
Tj = 25 °C
-
3.2
-
ns


Similar Part No. - PMEG3010ESB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3010ESB NEXPERIA-PMEG3010ESB Datasheet
698Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
More results

Similar Description - PMEG3010ESB_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3010AESA NEXPERIA-PMEG3010AESA Datasheet
745Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010AESB NEXPERIA-PMEG3010AESB Datasheet
701Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3010AESB PHILIPS-PMEG3010AESB_15 Datasheet
206Kb / 14P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
18 June 2015
logo
Nexperia B.V. All right...
PMEG3010EP-Q NEXPERIA-PMEG3010EP-Q Datasheet
253Kb / 13P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3010ER-Q NEXPERIA-PMEG3010ER-Q Datasheet
259Kb / 13P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
1 November 2021
PMEG3010ESB NEXPERIA-PMEG3010ESB Datasheet
698Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG3010AESA PHILIPS-PMEG3010AESA_15 Datasheet
210Kb / 15P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
3 August 2015
logo
Nexperia B.V. All right...
PMEG3010EGW NEXPERIA-PMEG3010EGW Datasheet
683Kb / 12P
   30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3020EGW NEXPERIA-PMEG3020EGW Datasheet
682Kb / 12P
   30 V, 2 A low VF MEGA Schottky barrier rectifier
PMEG3005EGW NEXPERIA-PMEG3005EGW Datasheet
683Kb / 12P
   30 V, 0.5 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com