Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5887EGK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5887EGK
Description  3.3V, 14-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5887EGK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5887EGK Datasheet HTML 5Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 6Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 7Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 8Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 9Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 10Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 11Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 12Page - Maxim Integrated Products MAX5887EGK Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
3.3V, 14-Bit, 500Msps High Dynamic
Performance DAC with Differential LVDS Inputs
_______________________________________________________________________________________
9
Analog Outputs (IOUTP, IOUTN)
The MAX5887 outputs two complementary currents
(IOUTP, IOUTN) that can be operated in a single-
ended or differential configuration. A load resistor can
convert these two output currents into complementary
single-ended output voltages. The differential voltage
existing between IOUTP and IOUTN can also be con-
verted to a single-ended voltage using a transformer or
a differential amplifier configuration. If no transformer is
used, the output should have a 50Ω termination to the
analog ground and a 50Ω resistor between the outputs.
Although not recommended for single-ended operation,
because of additional noise pickup from the ground
1.2V
REFERENCE
CURRENT-STEERING
DAC
FUNCTION
SELECTION
BLOCK
AGND
SEL0
DGND
DVDD
REFIO
FSADJ
CLKN
CLKP
PD
AVDD
IOUTP
IOUTN
SEGMENT SHUFFLING/LATCH
DECODER
LVDS RECEIVER/INPUT LATCH
14
DIFFERENTIAL DIGITAL INPUTS B0 THROUGH B13
MAX5887
Figure 1. Simplified MAX5887 Block Diagram
RSET (k
Ω)
FULL-SCALE CURRENT
IOUT (mA)
REFERENCE CURRENT
IREF (µA)
CALCULATED
1% EIA STD
OUTPUT VOLTAGE
VIOUTP/N* (mVP-P)
2
62.5
19.2
19.1
100
5
156.25
7.68
7.5
250
10
312.5
3.84
3.83
500
15
468.75
2.56
2.55
750
20
625
1.92
1.91
1000
Table 1. IOUT and RSET Selection Matrix Based on a Typical 1.200V Reference Voltage
*Terminated into a 50Ω load.


Similar Part No. - MAX5887EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5887EGK-D++ MAXIM-MAX5887EGK-D+ Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
More results

Similar Description - MAX5887EGK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
MAX5884 MAXIM-MAX5884 Datasheet
491Kb / 10P
   3.3V, 14-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2825; Rev 1; 12/03
MAX5891 MAXIM-MAX5891 Datasheet
412Kb / 15P
   16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs
Rev 0; 2/05
MAX5878 MAXIM-MAX5878 Datasheet
511Kb / 18P
   16-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs
Rev 0; 2/05
MAX5885 MAXIM-MAX5885 Datasheet
862Kb / 10P
   3.3V, 16-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2786; Rev 1; 12/03
MAX5883 MAXIM-MAX5883 Datasheet
634Kb / 16P
   3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs
19-2824; Rev 1; 12/03
MAX5195 MAXIM-MAX5195 Datasheet
595Kb / 17P
   14-Bit, 260Msps High-Dynamic Performance DAC
Rev 0; 7/02
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com