Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBV0731 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 9DBV0731
Description  Spread Spectrum tolerant
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0731 Datasheet(HTML) 5 Page - Integrated Device Technology

  9DBV0731 Datasheet HTML 1Page - Integrated Device Technology 9DBV0731 Datasheet HTML 2Page - Integrated Device Technology 9DBV0731 Datasheet HTML 3Page - Integrated Device Technology 9DBV0731 Datasheet HTML 4Page - Integrated Device Technology 9DBV0731 Datasheet HTML 5Page - Integrated Device Technology 9DBV0731 Datasheet HTML 6Page - Integrated Device Technology 9DBV0731 Datasheet HTML 7Page - Integrated Device Technology 9DBV0731 Datasheet HTML 8Page - Integrated Device Technology 9DBV0731 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REVISION C 08/28/14
5
7 O/P 1.8V PCIE GEN1-2-3 FAN-OUT BUFFER
9DBV0731 DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 9DBV0731. These ratings, which are standard
values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other
conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the
recommended operating temperature range.
Electrical Characteristics–Clock Input Parameters
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
Applies to VDD, VDDA and VDDIO
-0.5
2.5
V
1,2
Input Voltage
VIN
-0.5
VDD+0.5
V
1,3
Input High Voltage, SMBus
VIHSMB
SMBus clock and data pins
3.3
V
1
Storage Temperature
Ts
-65
150
°C
1
Junction Temperature
Tj
125
°C
1
Input ESD protection
ESD prot
Human Body Model
2000
V
1
1Guaranteed by design and characterization, not 100% tested in production.
2 Operation under these conditions is neither implied nor guaranteed.
3 Not to exceed 2.5V.
TA = TCOM or TIND; Supply Voltages per normal operation conditions, See Test Loads for Loading Conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Input High Voltage - DIF_IN
VIHDIF
Differential inputs
(single-ended measurement)
300
750
1150
mV
1
Input Low Voltage - DIF_IN
VILDIF
Differential inputs
(single-ended measurement)
VSS - 300
0
300
mV
1
Input Common Mode
Voltage - DIF_IN
VCOM
Common Mode Input Voltage
200
725
mV
1
Input Amplitude - DIF_IN
VSWING
Peak to Peak value (VIHDIF - VILDIF)
300
1450
mV
1
Input Slew Rate - DIF_IN
dv/dt
Measured differentially
0.35
8
V/ns
1,2
Input Leakage Current
IIN
VIN = VDD , VIN = GND
-5
5
uA
Input Duty Cycle
dtin
Measurement from differential wavefrom
45
55
%
1
Input Jitter - Cycle to Cycle
JDIFIn
Differential Measurement
0
150
ps
1
1 Guaranteed by design and characterization, not 100% tested in production.
2 Slew rate measured through +/-75mV window centered around differential zero


Similar Part No. - 9DBV0731

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0731 ICST-9DBV0731 Datasheet
205Kb / 16P
   Spread Spectrum tolerant; allows reduction of EMI
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731AKILF IDT-9DBV0731AKILF Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731AKILF IDT-9DBV0731AKILF Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0731AKILF IDT-9DBV0731AKILF Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
More results

Similar Description - 9DBV0731

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0531 IDT-9DBV0531 Datasheet
151Kb / 16P
   Spread Spectrum tolerant
9DBV0631 IDT-9DBV0631 Datasheet
166Kb / 17P
   Spread Spectrum tolerant
ICS95V847 IDT-ICS95V847 Datasheet
78Kb / 9P
   Spread Spectrum tolerant inputs
95V857 IDT-95V857 Datasheet
394Kb / 13P
   Spread Spectrum-tolerant inputs
ICS93V855I IDT-ICS93V855I Datasheet
78Kb / 9P
   Spread Spectrum tolerant inputs
logo
Integrated Circuit Syst...
9DBV0731 ICST-9DBV0731 Datasheet
205Kb / 16P
   Spread Spectrum tolerant; allows reduction of EMI
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
   Spread Spectrum Compatible
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com