Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1011 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S1011
Description  BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1011 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S1011 Datasheet HTML 1Page - Seiko Instruments Inc S1011 Datasheet HTML 2Page - Seiko Instruments Inc S1011 Datasheet HTML 3Page - Seiko Instruments Inc S1011 Datasheet HTML 4Page - Seiko Instruments Inc S1011 Datasheet HTML 5Page - Seiko Instruments Inc S1011 Datasheet HTML 6Page - Seiko Instruments Inc S1011 Datasheet HTML 7Page - Seiko Instruments Inc S1011 Datasheet HTML 8Page - Seiko Instruments Inc S1011 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S-1011 Series
Rev.1.2_00
Seiko Instruments Inc.
4
Product Name Structure
Users can select the product type and detection voltage value for the S-1011 Series.
Refer to "1. Product name" regarding the contents of product name, "2. Function list of product types" regarding
the product types, "3. Package" regarding the package drawings and "4. Product name lists" regarding details of
the product name.
1. Product name
S-1011 x xx - M6T1 U 4
Package abbreviation and IC packing specifications
*1
M6T1: SOT-23-6, Tape
Detection voltage value
30 to A0
(e.g., when the output voltage is 3.0 V, it is expressed as 30.
when the output voltage is 10.0 V, it is expressed as A0.)
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product type
*2
A, C, E, G, J, L, N, Q
*1. Refer to the tape drawing.
*2. Refer to "2. Function list of product types".
Remark
Although the detection voltage in the S-1011 Series is 10.0 V max., the detection voltage exceeding
10.0 V with an external resistor can be set.
Refer to "2. SENSE pin" in " Operation" for details.
2. Function list of product types
Table 1
Product Type
Voltage Detection
Output Logic
Hysteresis Width
Detection Voltage
A
VDD detection
Active "L"
Available (5.0% typ.)
5.0 V to 10.0 V
C
VDD detection
Active "L"
Unavailable
5.0 V to 10.0 V
E
SENSE detection
Active "L"
Available (5.0% typ.)
5.0 V to 10.0 V
G
SENSE detection
Active "L"
Unavailable
5.0 V to 10.0 V
J
VDD detection
Active "L"
Available (5.0% typ.)
3.6 V to 4.95 V
L
VDD detection
Active "L"
Unavailable
3.6 V to 4.95 V
N
SENSE detection
Active "L"
Available (5.0% typ.)
3.0 V to 4.95 V
Q
SENSE detection
Active "L"
Unavailable
3.0 V to 4.95 V
3. Package
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD


Similar Part No. - S1011

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10111 HAMAMATSU-S10111 Datasheet
188Kb / 11P
   Current-output type sensors with variable integration time function
S10111-128Q HAMAMATSU-S10111-128Q Datasheet
188Kb / 11P
   Current-output type sensors with variable integration time function
S10111-256Q HAMAMATSU-S10111-256Q Datasheet
188Kb / 11P
   Current-output type sensors with variable integration time function
S10111-512Q HAMAMATSU-S10111-512Q Datasheet
188Kb / 11P
   Current-output type sensors with variable integration time function
S10112-128Q HAMAMATSU-S10112-128Q Datasheet
188Kb / 11P
   Current-output type sensors with variable integration time function
More results

Similar Description - S1011

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S1004 SII-S1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1011 ABLIC-S-1011 Datasheet
2Mb / 43P
   HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
Rev.1.2_02
S-1004 ABLIC-S-1004 Datasheet
2Mb / 42P
   BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR WITH SENSE PIN
Rev.2.1_02
logo
Seiko Instruments Inc
S19100XXXH SII-S19100XXXH Datasheet
2Mb / 45P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19101XXXH SII-S19101XXXH Datasheet
1Mb / 31P
   FOR AUTOMOTIVE 105째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
logo
ABLIC Inc.
S-1003 ABLIC-S-1003 Datasheet
660Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) HIGH-ACCURACY VOLTAGE DETECTOR
Rev.1.0_03
logo
Seiko Instruments Inc
S19101XXXA SII-S19101XXXA Datasheet
1Mb / 30P
   FOR AUTOMOTIVE 125째C OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19100XXXA SII-S19100XXXA Datasheet
2Mb / 39P
   FOR AUTOMOTIVE 125 OPERATION VOLTAGE DETECTOR BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
S19110JXXH SII-S19110JXXH Datasheet
5Mb / 46P
   FOR AUTOMOTIVEOPERATION HIGH-WITHSTAND VOLTAGE BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING) VOLTAGE DETECTOR
S1003 SII-S1003 Datasheet
681Kb / 42P
   MANUAL RESET BUILT-IN DELAY CIRCUIT (EXTERNAL DELAY TIME SETTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com