Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBV0941 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 9DBV0941
Description  Programmable Slew rate for each output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0941 Datasheet(HTML) 2 Page - Integrated Device Technology

  9DBV0941 Datasheet HTML 1Page - Integrated Device Technology 9DBV0941 Datasheet HTML 2Page - Integrated Device Technology 9DBV0941 Datasheet HTML 3Page - Integrated Device Technology 9DBV0941 Datasheet HTML 4Page - Integrated Device Technology 9DBV0941 Datasheet HTML 5Page - Integrated Device Technology 9DBV0941 Datasheet HTML 6Page - Integrated Device Technology 9DBV0941 Datasheet HTML 7Page - Integrated Device Technology 9DBV0941 Datasheet HTML 8Page - Integrated Device Technology 9DBV0941 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
9 O/P 1.8V PCIE GEN1-2-3 FAN-OUT BUFFER W/ZO=100OHMS
2
REVISION B 08/28/14
9DBV0941 DATASHEET
Pin Configuration
SMBus Address Selection Table
Power Management Table
Power Connections
48 47 46 45 44 43 42 41 40 39 38 37
vSADR_tri 1
36 DIF5#
vOE8# 2
35 DIF5
DIF8 3
34 vOE4#
DIF8# 4
33 DIF4#
VDDR1.8 5
32 DIF4
CLK_IN 6
31 VDDIO
CLK_IN# 7
30 VDDA1.8
GNDR 8
29 GNDA
GNDDIG 9
28 vOE3#
SCLK_3.3 10
27 DIF3#
SDATA_3.3 11
26 DIF3
VDDDIG1.8 12
25 vOE2#
13 14 15 16 17 18 19 20 21 22 23 24
^v
v
prefix indicates internal 120KOhm pull down resistor
^
prefix indicates internal 120KOhm pull up resistor
48-pin VFQFPN, 6x6 mm, 0.4mm pitch
9DBV0941
prefix indicates internal 120KOhm pull up AND pull down
resistor (biased to VDD/2)
SADR
Address
0
1101011
M
1101100
1
1101101
+
Read/Write bit
x
x
x
State of SADR on first application of
CKPWRGD_PD#
True O/P
Comp. O/P
0X
X
X
Low
Low
1
Running
0
X
Low
Low
1
Running
1
0
Running
Running
1
Running
1
1
Low
Low
CLK_IN
OEx# Pin
DIFx
CKPWRGD_PD#
SMBus
OEx bit
Pin Number
VDD
VDDIO
GND
58
Input
receiver
analog
12
9
Digital Power
20, 31, 38
13, 21, 31,
39, 47
22, 29, 40
DIF outputs
30
29
Analog
Description


Similar Part No. - 9DBV0941

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0941 ICST-9DBV0941 Datasheet
160Kb / 17P
   Integrated terminations; save 36 resistors compared to standard HCSL outputs
logo
Integrated Device Techn...
9DBV0941 IDT-9DBV0941 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0941AKILF IDT-9DBV0941AKILF Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0941AKILF IDT-9DBV0941AKILF Datasheet
255Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
logo
Renesas Technology Corp
9DBV0941AKILF RENESAS-9DBV0941AKILF Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0941

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
   Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
   Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
   Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
   Programmable Slew rate for each output
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
   Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
   Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
   Programmable Slew rate for each output
9FGV0231 IDT-9FGV0231 Datasheet
223Kb / 15P
   Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9FGV0441 IDT-9FGV0441 Datasheet
230Kb / 15P
   Programmable Slew rate for each output
9DBV0931 IDT-9DBV0931 Datasheet
208Kb / 17P
   Programmable Slew rate for each output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com