Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMU0141 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 9DMU0141
Description  Selectable asynchronous or glitch-free switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMU0141 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 9DMU0141 Datasheet HTML 2Page - Integrated Device Technology 9DMU0141 Datasheet HTML 3Page - Integrated Device Technology 9DMU0141 Datasheet HTML 4Page - Integrated Device Technology 9DMU0141 Datasheet HTML 5Page - Integrated Device Technology 9DMU0141 Datasheet HTML 6Page - Integrated Device Technology 9DMU0141 Datasheet HTML 7Page - Integrated Device Technology 9DMU0141 Datasheet HTML 8Page - Integrated Device Technology 9DMU0141 Datasheet HTML 9Page - Integrated Device Technology 9DMU0141 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its subsidiaries reserve the right to modify the products and/or specifications described herein at any time and at IDT’s sole discretion. All information in
this document, including descriptions of product features and performance, is subject to change without notice. Performance specifications and the operating parameters of the described products are determined
in the independent state and are not guaranteed to perform the same way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether
express or implied, including, but not limited to, the suitability of IDT’s products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This
document is presented only as a guide and does not convey any license under intellectual property rights of IDT or any third parties.
IDT’s products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be reasonably
expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are registered trademarks of IDT. Product specification subject to change without notice. Other trademarks and service marks used herein, including protected
names, logos and designs, are the property of IDT or their respective third party owners.
Copyright ©2014 Integrated Device Technology, Inc.. All rights reserved.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138 USA
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com
Tech Support
email: clocks@idt.com


Similar Part No. - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
9DMU0141 RENESAS-9DMU0141 Datasheet
308Kb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/30/14
More results

Similar Description - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMU0141 ICST-9DMU0141 Datasheet
120Kb / 10P
   Selectable asynchronous or glitch-free switching
logo
Integrated Device Techn...
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
   Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
   GLITCH-FREE CLOCK MULITPLEXER
051310
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
   Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS580-01 IDT-ICS580-01 Datasheet
238Kb / 13P
   GLITCH-FREE CLOCK MULITPLEXER
logo
Maxim Integrated Produc...
MAX17062EVKIT MAXIM-MAX17062EVKIT Datasheet
131Kb / 7P
   1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
Rev 1; 6/08
logo
Integrated Circuit Syst...
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
   Zero-Delay Glitch-Free Clock Multiplexer
logo
Integrated Device Techn...
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Renesas Technology Corp
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
   ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
logo
Maxim Integrated Produc...
MAX9700BEVKIT MAXIM-MAX9700BEVKIT Datasheet
755Kb / 5P
   Selectable Switching Frequency
Rev 0; 4/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com