Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5915EUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5915EUI
Description  Dual PCI 2.2 Hot-Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5915EUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5915EUI Datasheet HTML 7Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 8Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 9Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 10Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 11Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 12Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 13Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 14Page - Maxim Integrated Products MAX5915EUI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Dual PCI 2.2 Hot-Swap Controllers
______________________________________________________________________________________
11
PIN
NAME
FUNCTION
1
+12VOA
Channel A +12V Output
2
3.3VGATEA
Channel A +3.3V External N-Channel MOSFET Gate Drive. 3.3VGATEA driven by +12VIN.
3
3.3VSENA
Channel A External 3.3V Current-Sense Input
4
3.3VOA
Channel A +3.3V Output Sense
5
ONA
Channel A Master ON/OFF Output Control. Drive ONA logic high to enable channel A +3.3V, +5V, and
±12V outputs. V+12VIN must be > UVLO threshold.
6
ONB
Channel B Master ON/OFF Output Control. Drive ONB logic high to enable channel B +3.3V, +5V, and
±12V outputs. V+12VIN must be > UVLO threshold.
7
GND
Ground
8
PGOODA
Channel A Power-Good Output. PGOODA is an open-drain output that pulls low when a fault is detected on
channel A outputs.
9
PGOODB
Channel B Power-Good Output. PGOODB is an open-drain output that pulls low when a fault is detected on
channel B outputs.
10
AUXONA
Channel A 3.3VAUX ON/OFF Control Input. Drive AUXONA logic high to enable channel A +3.3V auxiliary
output.
11
AUXONB
Channel B 3.3VAUX ON/OFF Control Input. Drive AUXONB logic high to enable channel B +3.3V auxiliary
output.
12
3.3VAUXOA
Channel A 3.3VAUX Output
13
3.3VAUXIN
3.3VAUX Input. Provides power to the +3.3V auxiliary channels.
14
3.3VAUXOB
Channel B 3.3VAUX Output
15
-12VOB
Channel B -12V Output
16
-12VIN
-12V Input
17
-12VOA
Channel A -12V Output
18
5VOB
Channel B +5V Output Sense
19
5VSENB
Channel B External +5V Current-Sense Input
20
5VGATEB
Channel B +5V External N-Channel MOSFET Gate Drive. 5VGATEB driven by +12VIN.
21
5VOA
Channel A +5V Output Sense
22
5VSENA
Channel A External +5V Current-Sense Input
23
5VGATEA
Channel A +5V External N-Channel MOSFET Gate Drive. 5VGATEA driven by +12VIN.
24
3.3VOB
Channel B +3.3V Output Sense
25
3.3VSENB
Channel B External +3.3V Current-Sense Input
26
3.3VGATEB
Channel B +3.3V External N-Channel MOSFET Gate Drive. 3.3VGATEB driven by +12VIN.
27
+12VOB
Channel B +12V Output
28
+12VIN
+12V Input. +12VIN powers the main supplies of the MAX5915/MAX5916.
Pin Description


Similar Part No. - MAX5915EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5915EUI MAXIM-MAX5915EUI Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
More results

Similar Description - MAX5915EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5916A MAXIM-MAX5916A Datasheet
579Kb / 25P
   Dual PCI 2.2 Hot-Swap Controllers
Rev 1; 4/04
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
logo
Renesas Technology Corp
HIP1011D RENESAS-HIP1011D Datasheet
684Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D_04 Datasheet
353Kb / 15P
   Dual Slot PCI Hot Plug Controllers
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com