Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMV0431 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 9DMV0431
Description  Spread Spectrum Compatible
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DMV0431 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 9DMV0431 Datasheet HTML 4Page - Integrated Device Technology 9DMV0431 Datasheet HTML 5Page - Integrated Device Technology 9DMV0431 Datasheet HTML 6Page - Integrated Device Technology 9DMV0431 Datasheet HTML 7Page - Integrated Device Technology 9DMV0431 Datasheet HTML 8Page - Integrated Device Technology 9DMV0431 Datasheet HTML 9Page - Integrated Device Technology 9DMV0431 Datasheet HTML 10Page - Integrated Device Technology 9DMV0431 Datasheet HTML 11Page - Integrated Device Technology 9DMV0431 Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2:4 1.8V PCIE GEN1-2-3 CLOCK MUX
8
REVISION B 01/26/15
9DMV0431 DATASHEET
Marking Diagram
Notes:
1. “LOT” denotes the lot number.
2. “YYWW” is the last two digits of the year and week that the part was assembled.
3. Line 2: truncated part number
4. “L” denotes RoHS compliant package.
5. “I” denotes industrial temperature grade.
Thermal Characteristics
LOT
431AIL
YYWW
PARAMETER
SYMBOL
CONDITIONS
PKG
TYP
VALUE
UNITS NOTES
θJC
Junction to Case
42
°C/W
1
θJb
Junction to Base
2.4
°C/W
1
θJA0
Junction to Air, still air
39
°C/W
1
θJA1
Junction to Air, 1 m/s air flow
33
°C/W
1
θJA3
Junction to Air, 3 m/s air flow
28
°C/W
1
θJA5
Junction to Air, 5 m/s air flow
27
°C/W
1
1ePad soldered to board
Thermal Resistance
NLG24


Similar Part No. - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DMV0431 ICST-9DMV0431 Datasheet
206Kb / 12P
   LP-HCSL outputs
logo
Renesas Technology Corp
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
More results

Similar Description - 9DMV0431

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0441 ICST-9DMU0441 Datasheet
121Kb / 11P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DB433 IDT-9DB433 Datasheet
231Kb / 17P
   Spread Spectrum Compatible
logo
Integrated Circuit Syst...
9DMU0131 ICST-9DMU0131 Datasheet
113Kb / 10P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com