Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5920 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5920
Description  -48V Hot-Swap Controller with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5920 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5920 Datasheet HTML 1Page - Maxim Integrated Products MAX5920 Datasheet HTML 2Page - Maxim Integrated Products MAX5920 Datasheet HTML 3Page - Maxim Integrated Products MAX5920 Datasheet HTML 4Page - Maxim Integrated Products MAX5920 Datasheet HTML 5Page - Maxim Integrated Products MAX5920 Datasheet HTML 6Page - Maxim Integrated Products MAX5920 Datasheet HTML 7Page - Maxim Integrated Products MAX5920 Datasheet HTML 8Page - Maxim Integrated Products MAX5920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
-48V Hot-Swap Controller
with External RSENSE
_______________________________________________________________________________________
5
VS
R
5k
VOV
VUV
V+
5V
VSENSE
VDRAIN
48V
MAX5920A
MAX5920B
PWRGD/PWRGD
OV
UV
VEE
VDD
DRAIN
GATE
SENSE
Figure 1a. Test Circuit 1
VS
VUV
48V
MAX5920A
MAX5920B
PWRGD/PWRGD
OV
UV
VEE
VDD
DRAIN
GATE
SENSE
N
IRF530
VS
20V
10k
10
0.1
µF
10
Figure 1b. Test Circuit 2


Similar Part No. - MAX5920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921AESA MAXIM-MAX5921AESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921BESA MAXIM-MAX5921BESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921EESA MAXIM-MAX5921EESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921FESA MAXIM-MAX5921FESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
More results

Similar Description - MAX5920

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com