Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5921AESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5921AESA
Description  -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5921AESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5921AESA Datasheet HTML 2Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 3Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 4Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 5Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 6Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 7Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 8Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 9Page - Maxim Integrated Products MAX5921AESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-48V Hot-Swap Controllers with External
RSENSE and High Gate Pulldown Current
6
_______________________________________________________________________________________
Timing Diagrams
1.255V
OV
tPHLOV
0V
2V
1V
1.205V
1V
tPLHOV
GATE
Figure 2. OV to GATE Timing
tPHLUV
1.125V
1V
1V
1.255V
tPLHUV
UV
0V
2V
GATE
Figure 3. UV to GATE Timing
60mV
1V
100mV
GATE
SENSE
VEE
tPHLSENSE
Figure 4a. SENSE to GATE Timing
tPHLCL
1V
1V
UV
GATE
Figure 4b. Active Current-Limit Threshold


Similar Part No. - MAX5921AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5922 MAXIM-MAX5922 Datasheet
437Kb / 21P
   48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
MAX5922AEUI MAXIM-MAX5922AEUI Datasheet
437Kb / 21P
   48V, Single-Port Network Power Switch For Power-Over-LAN
19-2708; Rev 0; 4/03
More results

Similar Description - MAX5921AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949 MAXIM-MAX5949 Datasheet
269Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 11/04
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Maxim Integrated Produc...
MAX5938 MAXIM-MAX5938 Datasheet
920Kb / 26P
   -48V Hot-Swap Controller with VIN Step Immunity, No RSENSE, and Overvoltage Protection
19-3320; Rev 1; 1/05
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com