Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES10T4G2 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HPES10T4G2
Description  One virtual channel
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES10T4G2 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HPES10T4G2 Datasheet HTML 3Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 4Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 5Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 10Page - Integrated Device Technology 89HPES10T4G2 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7 of 30
August 10, 2011
IDT 89HPES10T4G2 Data Sheet
JTAG_TDO
O
JTAG Data Output. This is the serial data shifted out from the boundary
scan logic or JTAG Controller. When no data is being shifted out, this signal
is tri-stated.
JTAG_TMS
I
JTAG Mode. The value on this signal controls the test mode select of the
boundary scan logic or JTAG Controller.
JTAG_TRST_N
I
JTAG Reset. This active low signal asynchronously resets the boundary
scan logic and JTAG TAP Controller. An external pull-up on the board is
recommended to meet the JTAG specification in cases where the tester
can access this signal. However, for systems running in functional mode,
one of the following should occur:
1) actively drive this signal low with control logic
2) statically drive this signal low with an external pull-down on the board
Signal
Type
Name/Description
REFRES0
I/O
Port 0 External Reference Resistor. Provides a reference for the Port 0
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resis-
tor should be connected from this pin to ground.
REFRES2
I/O
Port 2 External Reference Resistor. Provides a reference for the Port 2
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resis-
tor should be connected from this pin to ground.
REFRES4
I/O
Port 4 External Reference Resistor. Provides a reference for the Port 4
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resis-
tor should be connected from this pin to ground.
REFRES6
I/O
Port 6 External Reference Resistor. Provides a reference for the Port 6
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resis-
tor should be connected from this pin to ground.
VDDCORE
I
Core VDD. Power supply for core logic.
VDDI/O
I
I/O VDD. LVTTL I/O buffer power supply.
VDDPEA
I
PCI Express Analog Power. Serdes analog power supply (1.0V).
VDDPEHA
I
PCI Express Analog High Power. Serdes analog power supply (2.5V).
VDDPETA
I
PCI Express Transmitter Analog Voltage. Serdes transmitter analog
power supply (1.0V).
VSS
I
Ground.
Table 7 Power, Ground, and SerDes Resistor Pins
Signal
Type
Name/Description
Table 6 Test Pins (Part 2 of 2)


Similar Part No. - 89HPES10T4G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES10T4G2 RENESAS-89HPES10T4G2 Datasheet
478Kb / 31P
   10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
More results

Similar Description - 89HPES10T4G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16T4 IDT-89HPES16T4 Datasheet
793Kb / 31P
   One virtual channel
89HPES12N3 IDT-89HPES12N3 Datasheet
530Kb / 28P
   Supports one virtual channel
89HPES24N3 IDT-89HPES24N3 Datasheet
571Kb / 30P
   Supports one virtual channel
logo
Texas Instruments
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
logo
Tripp Lite. All Rights ...
U237-001 TRIPPLITE-U237-001 Datasheet
522Kb / 2P
   Virtual 7.1-Channel USB External Sound Card
logo
Texas Instruments
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
[Old version datasheet]   PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
[Old version datasheet]   PRECISION VIRTUAL GROUND
logo
Sanyo Semicon Device
LV1150 SANYO-LV1150 Datasheet
96Kb / 9P
   Virtual Surround System IC
LV1150M SANYO-LV1150M Datasheet
96Kb / 9P
   Virtual Surround System IC
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
   Virtual Remote Sense Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com