Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8211C Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S8211C
Description  High-accuracy voltage detection circuit
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211C Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S8211C Datasheet HTML 1Page - Seiko Instruments Inc S8211C Datasheet HTML 2Page - Seiko Instruments Inc S8211C Datasheet HTML 3Page - Seiko Instruments Inc S8211C Datasheet HTML 4Page - Seiko Instruments Inc S8211C Datasheet HTML 5Page - Seiko Instruments Inc S8211C Datasheet HTML 6Page - Seiko Instruments Inc S8211C Datasheet HTML 7Page - Seiko Instruments Inc S8211C Datasheet HTML 8Page - Seiko Instruments Inc S8211C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.7.7_00
S-8211C Series
Seiko Instruments Inc.
3
Product Name Structure
1. Product name
1. 1 SOT-23-5
S-8211C xx - M5T1 x
Serial code
*2
Sequentially set from AA to ZZ
Package name (abbreviation) and IC packing specifications
*1
M5T1: SOT-23-5, Tape
Environmental code
U: Lead-free (Sn 100%), halogen-free
G: Lead-free (for details, please contact our sales office)
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
1. 2 SNT-6A
S-8211C xx - I6T1 U
Serial code
*2
Sequentially set from AA to ZZ
Package name (abbreviation) and IC packing specifications
*1
I6T1: SNT-6A, Tape
Environmental code
U: Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD


Similar Part No. - S8211C

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
   COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
Seiko Instruments Inc
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S8211E SII-S8211E Datasheet
545Kb / 29P
   BATTERY PROTECTION IC
More results

Similar Description - S8211C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-82B1AAA-I6T1U SII-S-82B1AAA-I6T1U Datasheet
2Mb / 35P
   High-accuracy voltage detection circuit
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
   High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
   High accuracy detection
logo
Mitsumi Electronics, Co...
MM3723 MITSUMI-MM3723 Datasheet
229Kb / 2P
   High-accuracy overcharge detection
logo
Shenzhen Huazhimei Semi...
DW01E HMSEMI-DW01E Datasheet
348Kb / 12P
   High precision voltage detection circuit
logo
Rohm
BD3180FV ROHM-BD3180FV Datasheet
170Kb / 6P
   Super High Accuracy Current Detection Amp
BUXXTD3WG-E ROHM-BUXXTD3WG-E Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
logo
Shenzhen Huazhimei Semi...
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
logo
Rohm
BD4830FVE-TR ROHM-BD4830FVE-TR Datasheet
433Kb / 18P
   High accuracy detection, Ultra-low current consumption
logo
Shenzhen Huazhimei Semi...
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com