Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8211D Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S8211D
Description  BATTERY PROTECTION IC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8211D Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S8211D Datasheet HTML 1Page - Seiko Instruments Inc S8211D Datasheet HTML 2Page - Seiko Instruments Inc S8211D Datasheet HTML 3Page - Seiko Instruments Inc S8211D Datasheet HTML 4Page - Seiko Instruments Inc S8211D Datasheet HTML 5Page - Seiko Instruments Inc S8211D Datasheet HTML 6Page - Seiko Instruments Inc S8211D Datasheet HTML 7Page - Seiko Instruments Inc S8211D Datasheet HTML 8Page - Seiko Instruments Inc S8211D Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
BATTERY PROTECTION IC FOR 1-CELL PACK
S-8211D Series
Rev.6.5_00
Seiko Instruments Inc.
4
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD
3. Product name list
3. 1 SOT-23-5
Table 2
Product Name
Over-
charge
Detection
Voltage
[VCU]
Over-
charge
Release
Voltage
[VCL]
Over-
discharge
Detection
Voltage
[VDL]
Over-
discharge
Release
Voltage
[VDU]
Discharge
Overcurrent
Detection
Voltage
[VDIOV]
0 V Battery
Charge
Function
Delay Time
Combination
*1
Power-down
Function
S-8211DAD-M5T1x
4.280 V
4.180 V
2.50 V
2.80 V
0.19 V
Unavailable
(1)
Available
S-8211DAE-M5T1x
4.280 V
4.180 V
2.50 V
2.70 V
0.19 V
Unavailable
(1)
Available
S-8211DAH-M5T1x
4.275 V
4.175 V
2.30 V
2.40 V
0.10 V
Available
(1)
Available
S-8211DAI-M5T1x
4.325 V
4.075 V
2.50 V
2.90 V
0.15 V
Unavailable
(1)
Available
S-8211DAJ-M5T1x
4.280 V
4.080 V
3.00 V
3.00 V
0.08 V
Available
(1)
Available
S-8211DAK-M5T1x
4.280 V
4.080 V
2.30 V
2.30 V
0.13 V
Unavailable
(1)
Available
S-8211DAL-M5T1x
4.280 V
4.080 V
2.80 V
2.80 V
0.10 V
Available
(1)
Available
S-8211DAM-M5T1x
4.275 V
4.075 V
2.50 V
2.90 V
0.15 V
Unavailable
(1)
Available
S-8211DAR-M5T1x
3.600 V
3.600 V
2.00 V
2.30 V
0.15 V
Available
(1)
Available
S-8211DAS-M5T1x
3.600 V
3.500 V
2.50 V
2.80 V
0.10 V
Available
(1)
Available
S-8211DAU-M5T1y
3.650 V
3.550 V
2.50 V
2.80 V
0.15 V
Available
(1)
Available
S-8211DAV-M5T1y
3.700 V
3.600 V
2.50 V
2.80 V
0.05 V
Available
(1)
Available
S-8211DAW-M5T1y
3.800 V
3.700 V
2.50 V
2.80 V
0.10 V
Available
(1)
Available
S-8211DBB-M5T1U
4.350 V
4.150 V
2.10 V
2.20 V
0.26 V
Unavailable
(1)
Available
S-8211DBD-M5T1U
4.350 V
4.150 V
2.10 V
2.20 V
0.11 V
Unavailable
(1)
Available
S-8211DBE-M5T1U
4.350 V
4.150 V
2.10 V
2.20 V
0.14 V
Unavailable
(1)
Available
S-8211DBF-M5T1U
4.230 V
4.080 V
3.00 V
3.10 V
0.15 V
Unavailable
(1)
Available
S-8211DBG-M5T1U
4.250 V
4.050 V
2.70 V
3.00 V
0.20 V
Unavailable
(1)
Available
*1. Refer to Table 4 about the details of the delay time combinations (1).
Remark 1. Please contact our sales office for the products with detection voltage value other than those specified above.
2. x: G or U
y: S or U
3. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S8211D

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
S8211-46R HARWIN-S8211-46R Datasheet
123Kb / 1P
   COIN CELL RETAINER (20MM)(TAPE &REELED)
logo
Seiko Instruments Inc
S8211C SII-S8211C Datasheet
655Kb / 43P
   High-accuracy voltage detection circuit
S8211E SII-S8211E Datasheet
545Kb / 29P
   BATTERY PROTECTION IC
More results

Similar Description - S8211D

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com