Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5922BEUI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5922BEUI
Description  48V, Single-Port Network Power Switch For Power-Over-LAN
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5922BEUI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5922BEUI Datasheet HTML 5Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 6Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 7Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 8Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 9Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 10Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 11Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 12Page - Maxim Integrated Products MAX5922BEUI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
+48V, Single-Port Network Power Switch
For Power-Over-LAN
_______________________________________________________________________________________
9
STARTUP WITH VALID PD
(25k
Ω, ZC_EN = LOW)
MAX5922 toc28
100ms/div
0V
0V
5V/div
20V/div
0A
1.25mA/div
0V
VOUT
IOUT
POK
EN
STARTUP WITH
DIFFERENT PD CLASSES
MAX5922 toc29
40ms/div
0V
0V
0V
5V/div
5V/div
20mA/div
0A
VOUT
IOUT
POK
EN
SHORT TO AGND
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
OVERCURRENT TIMEOUT
(RLOAD FROM 240
Ω to 75Ω)
MAX5922 toc30
2ms/div
5V/div
20V/div
200mA/div
VOUT
IOUT
POK
OUTPUT SHORT-CIRCUIT RESPONSE
MAX5922 toc31
200
µs/div
200mA/div
20V/div
VOUT
IOUT
Typical Operating Characteristics (continued)
(MAX5922A, VIN = 48V, VDIG, EN, LATCH, CLASS, and ZC_EN = 3.3V, DCA, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω ±1%,
UVLO floating, RRCL = 150k
Ω, RRDT = 18.2kΩ, TA = +25°C, unless otherwise noted.)
OUTPUT SHORT-CIRCUIT RESPONSE
MAX5922 toc32
4
µs/div
10A/div
20V/div
VOUT
IOUT


Similar Part No. - MAX5922BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921AESA MAXIM-MAX5921AESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
More results

Similar Description - MAX5922BEUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
   Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
MAX5913A MAXIM-MAX5913A Datasheet
619Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
Rev 1; 1/11
MAX5913 MAXIM-MAX5913 Datasheet
827Kb / 20P
   48V Quad Hot-Swap Controllers For Power-Over-LAN
19-2244; Rev 2; 11/02
logo
XFMRS Inc.
POL XFMRS-POL_15 Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
[Old version datasheet]   Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
   Single Port USB Power Switch and Over-Current Protection
logo
XFMRS Inc.
XFMRS XFMRS-XFMRS Datasheet
420Kb / 1P
   POWER OVER LAN INTEGRATED RJ45
logo
Red Lion Controls. Inc
EB-5ES-PSE REDLION-EB-5ES-PSE Datasheet
359Kb / 2P
   5 Port Power Over Ethernet Industrial Switch
logo
AAEON Technology
BOXER-6404WT-A1-1010 AAEON-BOXER-6404WT-A1-1010 Datasheet
199Kb / 2P
   Quad GbE LAN Port for Industrial Network Appliance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com