Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5923EUP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5923EUP
Description  60V Simple Swapper Hot-Swap Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5923EUP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5923EUP Datasheet HTML 3Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 4Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 5Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 6Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 7Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 8Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 9Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 10Page - Maxim Integrated Products MAX5923EUP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Operating Characteristics (continued)
(VIN = 48V, VDIG, EN, LATCH, CLASS, ZC_EN = 3.3V, DCA, AGND_S = AGND = DGND = 0V, RSENSE = 0.5
Ω, UVLO floating,
TA = +25°C, unless otherwise noted.)
OUTPUT SHORT-CIRCUIT RESPONSE
MAX5923 toc23
200
µs/div
200mA/div
20V/div
VOUT
IOUT
+60V Simple Swapper Hot-Swap Switch
_______________________________________________________________________________________
7
OUTPUT SHORT-CIRCUIT RESPONSE
MAX5923 toc22
4
µs/div
10A/div
20V/div
VOUT
IOUT
PIN
NAME
FUNCTION
AGND
Analog Ground. This is the return of analog power input. AGND can vary ±4V from DGND. AGND and
DGND must be connected together at a single point in the system.
1, 2
DRAIN
Drain connection for the integrated MOSFET. Connect a sense resistor, RSENSE, from DRAIN to IN.
These pins are also the current-sense resistor negative terminal. RSENSE sets the overcurrent-limit
and open-circuit detection threshold. These two pins must be connected together.
3IN
Input Voltage. Connect to a positive voltage source between 16V to 60V from IN to AGND. This is the
current-sense resistor positive terminal. Bypass to AGND with a 100µF, 100V electrolytic capacitor
and 0.1µF, 100V ceramic capacitor. Place the ceramic capacitor close to this pin.
4, 12, 18, 19
N.C.
No Connection. Not internally connected. Leave pins open. Pins are left unconnected to provide
additional spacing between the high-voltage pins and other pins.
5
AGND_S
Analog Ground Sense. Connect a 1
Ω resistor from AGND_S to AGND. This resistor protects the IC
during an output short-circuit condition.
6
UVLO
Undervoltage Lockout Adjustment Input. Referenced to AGND. Connect to the center point of a
resistive divider from IN to AGND to adjust the UVLO threshold. Leave open for default value.
7
FAULT
Fault Signal Open-Drain Logic Output. Reference to DGND. FAULT is latched low when:
An overtemperature condition occurs and/or,
An overcurrent condition that has lasted for more than tOC.
8
POK
Power-OK Open-Drain Logic Output. Reference to DGND. POK goes open drain a time tPOK_HIGH
after VOUT raises to within VTHPOK from VIN. POK goes low a time tPOK_LOW after VOUT falls out of the
VTHPOK from VIN.
9
ZC
Zero-Current Fault Signal. Open-drain logic output. Reference to DGND. ZC is latched low when there
is a zero-current condition lasting longer than tZCDEL. ZC is open drain otherwise. The zero-current
detection circuit is enabled immediately after the POK signal goes high.
10
TP1
Must be left open or connected to AGND
11
TP3
Must be left open or connected to AGND
Pin Description


Similar Part No. - MAX5923EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920AESA MAXIM-MAX5920AESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5920BESA MAXIM-MAX5920BESA Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5921AESA MAXIM-MAX5921AESA Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
More results

Similar Description - MAX5923EUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902 MAXIM-MAX5902_07 Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
logo
Texas Instruments
TPS2391DGKR TI-TPS2391DGKR Datasheet
653Kb / 21P
[Old version datasheet]   SIMPLE -48-V HOT SWAP CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com