Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8225A Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S8225A
Description  FOR 3-SERIAL TO 5-SERIAL CELL PACK
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8225A Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S8225A Datasheet HTML 7Page - Seiko Instruments Inc S8225A Datasheet HTML 8Page - Seiko Instruments Inc S8225A Datasheet HTML 9Page - Seiko Instruments Inc S8225A Datasheet HTML 10Page - Seiko Instruments Inc S8225A Datasheet HTML 11Page - Seiko Instruments Inc S8225A Datasheet HTML 12Page - Seiko Instruments Inc S8225A Datasheet HTML 13Page - Seiko Instruments Inc S8225A Datasheet HTML 14Page - Seiko Instruments Inc S8225A Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.7_00
S-8225A Series
Seiko Instruments Inc.
11
Operation
Remark
Refer to " Connection Examples of Battery Monitoring IC".
1. Normal status
When the voltage of each of the batteries is in the range from overcharge detection voltage (VCUn) to overdischarge
detection voltage (VDLn), and the CTLC pin input voltage (VCTLC) and the CTLD pin input voltage (VCTLD) are higher
than the CTLC pin voltage "H" (VCTLCH) and the CTLD pin voltage "H" (VCTLDH), respectively, the S-8225A Series
defines each of the CO pin output voltage (VCO) and the DO pin output voltage (VDO) as "H". This is called normal
status.
VCO is defined as the CO pin voltage "H" (VCOH) when it is "H". Similarly, VDO is defined as the DO pin voltage "H"
(VDOH) when it is "H".
2. Overcharge status
When the voltage of one of the batteries becomes VCUn or higher, the CO pin output inverts and the S-8225A Series
becomes detection status. This is called overcharge status.
When the voltage of each of the batteries becomes overcharge release voltage (VCLn) or lower, the overcharge status
is released and the S-8225A Series returns to normal status.
3. Overdischarge status
When the voltage of one of the batteries becomes VDLn or lower, the DO pin output inverts and the S-8225A Series
becomes detection status. This is called overdischarge status.
When the voltage of each of the batteries becomes overdischarge release voltage (VDUn) or higher, the overdischarge
status is released and the S-8225A Series returns to normal status.
4. CTLC pin and CTLD pin
The S-8225A Series has two pins to control.
The CTLC pin controls the output voltage from the CO pin; the CTLD pin controls the output voltage from the DO pin.
Thus it is possible for users to control the output voltages from the CO pin and DO pin, respectively. These controls
precede the battery protection circuit.
Table 6 Status Set by CTLC Pin
CTLC Pin
CO Pin
"H"
*1
Normal status
*4
Open
*2
VSS
"L"
*3
VSS
*1.
"H": CTLC
≥ VCTLCH
*2.
Pulled down by ICTLCH
*3.
"L": CTLC
≤ VCTLCL
*4.
The status is controlled by the voltage detection circuit.
Table 7 Status Set by CTLD Pin
CTLD Pin
DO Pin
"H"
*1
Normal status
*4
Open
*2
VSS
"L"
*3
VSS
*1.
"H": CTLD
≥ VCTLDH
*2.
Pulled down by ICTLDH
*3.
"L": CTLD
≤ VCTLDL
*4.
The status is controlled by the voltage detection circuit.
Caution
Note that when the power supply fluctuates, unexpected behavior might occur if an electrical
potential is generated between the potentials of "H" level input to the CTLC / CTLD pins and IC's
VDD by external filters.


Similar Part No. - S8225A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8225AGM4NRF ETC2-S8225AGM4NRF Datasheet
702Kb / 2P
   High-End Dual-socket workstation platform for HPC
More results

Similar Description - S8225A

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S8235A SII-S8235A Datasheet
507Kb / 24P
   FOR 3-SERIAL TO 5-SERIAL CELL PACK (SECONDARY PROTECTION)
logo
ABLIC Inc.
S-8245B ABLIC-S-8245B Datasheet
935Kb / 43P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
logo
Seiko Instruments Inc
S8215A SII-S8215A Datasheet
686Kb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
S-8215AAA-K8T2U SII-S-8215AAA-K8T2U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
logo
ABLIC Inc.
S-8225A ABLIC-S-8225A Datasheet
590Kb / 27P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.2.0_00
S-8255B ABLIC-S-8255B Datasheet
600Kb / 34P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.3_00
S-8225B ABLIC-S-8225B Datasheet
608Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.6_00
logo
Seiko Instruments Inc
S8225B SII-S8225B Datasheet
538Kb / 24P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
logo
ABLIC Inc.
S-8255A ABLIC-S-8255A Datasheet
599Kb / 32P
   BATTERY MONITORING IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
S-8245A ABLIC-S-8245A Datasheet
993Kb / 41P
   BATTERY PROTECTION IC FOR 3-SERIAL TO 5-SERIAL CELL PACK
Rev.1.4_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com