Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5909UEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5909UEE
Description  Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5909UEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5909UEE Datasheet HTML 1Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 2Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 3Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 4Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 5Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 6Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 7Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 8Page - Maxim Integrated Products MAX5909UEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Low-Voltage, Dual Hot-Swap Controllers/Power
Sequencers
_______________________________________________________________________________________
5
0
2
1
4
3
5
6
-40
10
-15
35
60
85
GATE STRONG DISCHARGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VINX = 13.2V
VINX = 5V
VINX = 1V
VON = 0V
VINY = 2.7V
VGATEX = VINX + 6.2V
0.0001
0.001
0.1
0.01
1
10
050
75
25
100 125 150 175 200
TURN-OFF TIME vs. SENSE VOLTAGE
VIN - VSENSE (mV)
SLOW-COMP. THRESHOLD
FAST-COMP. THRESHOLD
0.1
1
10
20
30 35
25
40 45 50 55 60 65 70 75 80
TURN-OFF TIME vs. SENSE VOLTAGE
(EXPANDED SCALE)
VIN - VSENSE (mV)
SLOW-COMP. THRESHOLD
0
40
20
80
60
100
120
0
200
100
300
400
SLOW-COMPARATOR THRESHOLD
vs. RLIM
RLIM (k
Ω)
0
20
10
40
30
50
60
STARTUP PERIOD vs. RTIM
RTIM (k
Ω)
0
200
300
100
400
500
600
0V
0V
0V
VPGOOD
5V/div
VSENSE - VIN
100mV/div
VGATE
5V/div
TURN-OFF TIME
SLOW-COMPARATOR FAULT
MAX5904 toc15
1ms/div
VIN = 5.0V
tSCD
26mV STEP
0V
0V
0V
VPGOOD
5V/div
VSENSE - VIN
100mV/div
VGATE
5V/div
TURN-OFF TIME
FAST-COMPARATOR FAULT
MAX5904 toc16
400ns/div
VIN = 5.0V
tFCD
125mV STEP
VON
2V/div
VPGOOD
2V/div
IOUT
5A/div
VOUT
5V/div
VGATE
5V/div
STARTUP WAVEFORMS
FAST TURN-ON
MAX5904 toc17
1ms/div
VIN = 5.0V, RSENSE = 10m
Ω,
RTIM = 27k
Ω, CBOARD = 1000µF
Typical Operating Characteristics (continued)
(Typical Operating Circuits, Q1 = Q2 = Fairchild FDB7090L, VIN1 = +5V, VIN2 = +3.3V, TA = +25°C, unless otherwise noted. Channels
1 and 2 are identical in performance. Where characteristics are interchangeable, channels 1 and 2 are referred to as X and Y.)


Similar Part No. - MAX5909UEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5909UEE MAXIM-MAX5909UEE Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
More results

Similar Description - MAX5909UEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5904 MAXIM-MAX5904_V01 Datasheet
634Kb / 24P
   Low-Voltage, Dual Hot-Swap Controllers/Power Sequencers
2005
MAX5927 MAXIM-MAX5927 Datasheet
692Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 8/03
MAX5929 MAXIM-MAX5929 Datasheet
574Kb / 25P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 1; 1/04
MAX5927A MAXIM-MAX5927A Datasheet
346Kb / 23P
   Low-Voltage, Quad, Hot-Swap Controllers/Power Sequencers
Rev 0; 5/08
MAX5930A MAXIM-MAX5930A Datasheet
337Kb / 23P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
19-4200; Rev 0; 7/08
MAX5930 MAXIM-MAX5930 Datasheet
486Kb / 10P
   Low-Voltage, Triple, Hot-Swap Controllers/ Power Sequencers/Voltage Trackers
Rev 0; 10/03
logo
Micrel Semiconductor
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com