Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES24NT24G2 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 89HPES24NT24G2
Description  Supports 128 Bytes to 2 KB maximum payload size
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES24NT24G2 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 89HPES24NT24G2 Datasheet HTML 3Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 4Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 5Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 10Page - Integrated Device Technology 89HPES24NT24G2 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
IDT 89HPES24NT24G2 Datasheet
7 of 35
December 17, 2013
PE21TN[0]
PE21TP[0]
O
PCI Express Port 21 Serial Data Transmit. Differential PCI Express transmit pair for
port 21.
PE22RN[0]
PE22RP[0]
I
PCI Express Port 22 Serial Data Receive. Differential PCI Express receive pair for
port 22.
PE22TN[0]
PE22TP[0]
O
PCI Express Port 22 Serial Data Transmit. Differential PCI Express transmit pair for
port 22.
PE23RN[0]
PE23RP[0]
I
PCI Express Port 23 Serial Data Receive. Differential PCI Express receive pair for
port 23.
PE23TN[0]
PE23TP[0]
O
PCI Express Port 23 Serial Data Transmit. Differential PCI Express transmit pair for
port 23.
Signal
Type
Name/Description
GCLKN[1:0]
GCLKP[1:0]
I
Global Reference Clock. Differential reference clock input pairs. This
clock is used as the reference clock by on-chip PLLs to generate the clocks
required for the system logic. The frequency of the differential reference
clock is determined by the GCLKFSEL signal.
Note: Both pairs of the Global Reference Clocks must be connected to and
derived from the same clock source. Refer to the Overview section of
Chapter 2 in the PES24NT24G2 User Manual for additional details.
P08CLKN
P08CLKP
I
Port Reference Clock. Differential reference clock pair associated with
port 8.
P16CLKN
P16CLKP
I
Port Reference Clock. Differential reference clock pair associated with
port 16.
Table 3 Reference Clock Pins
Signal
Type
Name/Description
MSMBCLK
I/O
Master SMBus Clock. This bidirectional signal is used to synchronize transfers on the
master SMBus. It is active and generating the clock only when the EEPROM or I/O
Expanders are being accessed.
MSMBDAT
I/O
Master SMBus Data. This bidirectional signal is used for data on the master SMBus.
SSMBADDR[2,1]
I
Slave SMBus Address. These pins determine the SMBus address to which the slave
SMBus interface responds.
SSMBCLK
I/O
Slave SMBus Clock. This bidirectional signal is used to synchronize transfers on the
slave SMBus.
SSMBDAT
I/O
Slave SMBus Data. This bidirectional signal is used for data on the slave SMBus.
Table 4 SMBus Interface Pins
Signal
Type
Name/Description
Table 2 PCI Express Interface Pins (Part 3 of 3)


Similar Part No. - 89HPES24NT24G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES24NT24G2 RENESAS-89HPES24NT24G2 Datasheet
479Kb / 36P
   24-Lane 24-Port PCIe® Gen2 System Interconnect Switch
December 17, 2013
More results

Similar Description - 89HPES24NT24G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16NT16G2 IDT-89HPES16NT16G2 Datasheet
280Kb / 33P
   Supports 128 Bytes to 2 KB maximum payload size
89HPES32NT8AG2 IDT-89HPES32NT8AG2 Datasheet
344Kb / 35P
   Supports 128 Bytes to 2 KB maximum payload size
89HPES22H16G2 IDT-89HPES22H16G2 Datasheet
459Kb / 57P
   Supports up to 128 Bytes to 2 KB maximum payload size
89HPES24T6G2 IDT-89HPES24T6G2 Datasheet
1Mb / 54P
   Support for Max Payload Size up to 2048 bytes
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
   Support for Max Payload Size up to 2Kbytes
logo
NXP Semiconductors
KV30P64M100SFA NXP-KV30P64M100SFA Datasheet
771Kb / 61P
   Kinetis KV30F 64 KB/128 KB Flash
Rev. 4, 02/2016
K02P64M100SFA NXP-K02P64M100SFA_V01 Datasheet
889Kb / 65P
   Kinetis K02 64 KB/128 KB Flash
Rev. 5, 11/2023
K02P64M100SFA NXP-K02P64M100SFA Datasheet
754Kb / 61P
   Kinetis K02 64 KB/128 KB Flash
Rev. 4, 08/2016
logo
ON Semiconductor
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com