Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

89HPES24T6G2 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 89HPES24T6G2
Description  Support for Max Payload Size up to 2048 bytes
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

89HPES24T6G2 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 89HPES24T6G2 Datasheet HTML 4Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 5Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 6Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 7Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 8Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 9Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 10Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 11Page - Integrated Device Technology 89HPES24T6G2 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
8 of 54
April 30, 2013
IDT 89HPES24T6G2 Data Sheet
Signal
Type
Name/Description
REFRES0
I/O
Port 0 External Reference Resistor. Provides a reference for the Port 0
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
REFRES1
I/O
Port 1 External Reference Resistor. Provides a reference for the Port 1
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
REFRES2
I/O
Port 2 External Reference Resistor. Provides a reference for the Port 2
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
REFRES3
I/O
Port 3 External Reference Resistor. Provides a reference for the Port 3
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
REFRES4
I/O
Port 4 External Reference Resistor. Provides a reference for the Port 4
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
REFRES5
I/O
Port 5 External Reference Resistor. Provides a reference for the Port 5
SerDes bias currents and PLL calibration circuitry. A 3 kOhm +/- 1% resistor
should be connected from this pin to ground.
VDDCORE
I
Core VDD. Power supply for core logic.
VDDI/O
I
I/O VDD. LVTTL I/O buffer power supply.
VDDPEA
I
PCI Express Analog Power. Serdes analog power supply (1.0V).
VDDPEHA
I
PCI Express Analog High Power. Serdes analog power supply (2.5V).
VDDPETA
I
PCI Express Transmitter Analog Voltage. Serdes transmitter analog
power supply (1.0V).
VSS
I
Ground.
Table 7 Power, Ground, and SerDes Resistor Pins


Similar Part No. - 89HPES24T6G2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES24T6G2ZCAL RENESAS-89HPES24T6G2ZCAL Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES24T6G2ZCALG RENESAS-89HPES24T6G2ZCALG Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES24T6G2ZCALGI RENESAS-89HPES24T6G2ZCALGI Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
89HPES24T6G2ZCALI RENESAS-89HPES24T6G2ZCALI Datasheet
1Mb / 55P
   24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
More results

Similar Description - 89HPES24T6G2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES4T4G2 IDT-89HPES4T4G2 Datasheet
698Kb / 30P
   Support for Max Payload Size up to 2Kbytes
89HPES22H16G2 IDT-89HPES22H16G2 Datasheet
459Kb / 57P
   Supports up to 128 Bytes to 2 KB maximum payload size
89HPES16NT16G2 IDT-89HPES16NT16G2 Datasheet
280Kb / 33P
   Supports 128 Bytes to 2 KB maximum payload size
89HPES32NT8AG2 IDT-89HPES32NT8AG2 Datasheet
344Kb / 35P
   Supports 128 Bytes to 2 KB maximum payload size
89HPES24NT24G2 IDT-89HPES24NT24G2 Datasheet
286Kb / 35P
   Supports 128 Bytes to 2 KB maximum payload size
logo
Kyocera Kinseki Corpota...
KNH10 KSS-KNH10 Datasheet
160Kb / 3P
   0402 Size. Rated current up to 2A MAX.
logo
STMicroelectronics
ST16SF42 STMICROELECTRONICS-ST16SF42 Datasheet
28Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM
logo
Kyocera Kinseki Corpota...
KNH21C104DA KSS-KNH21C104DA Datasheet
282Kb / 1P
   0805 Size. Rated current up to 6A MAX
logo
STMicroelectronics
ST16HF52 STMICROELECTRONICS-ST16HF52 Datasheet
26Kb / 2P
   SmartCard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
ST16RF52 STMICROELECTRONICS-ST16RF52 Datasheet
26Kb / 2P
   Smartcard MCU With 2048 Bytes EEPROM for Contactless/Contact Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com