Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5942A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5942A
Description  IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5942A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5942A Datasheet HTML 1Page - Maxim Integrated Products MAX5942A Datasheet HTML 2Page - Maxim Integrated Products MAX5942A Datasheet HTML 3Page - Maxim Integrated Products MAX5942A Datasheet HTML 4Page - Maxim Integrated Products MAX5942A Datasheet HTML 5Page - Maxim Integrated Products MAX5942A Datasheet HTML 6Page - Maxim Integrated Products MAX5942A Datasheet HTML 7Page - Maxim Integrated Products MAX5942A Datasheet HTML 8Page - Maxim Integrated Products MAX5942A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
IEEE 802.3af Power-Over-Ethernet
Interface/PWM Controller for Power Devices
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OPEN, V- tied to OUT, V+ tied to GND, UVLO = VEE, TA = TMIN to TMAX,
unless otherwise noted. Typical values are at TA = +25
°C. All voltages are referenced to VEE, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages are referenced to VEE, unless otherwise noted.)
GND........................................................................-0.3V to +80V
OUT, PGOOD ...........................................-0.3V to (GND + 0.3V)
RCL, GATE .............................................................-0.3V to +12V
UVLO ........................................................................-0.3V to +8V
PGOOD to OUT.........................................-0.3V to (GND + 0.3V)
V+ to V-...................................................................-0.3V to +80V
VDD to V-.................................................................-0.3V to +40V
VCC to V-..............................................................-0.3V to +12.5V
FB, NDRV, SS_SHDN, CS to V- ..................-0.3V to (VCC + 0.3V)
Maximum Input/Output Current (continuous)
OUT to VEE ...................................................................500mA
GND, RCL to VEE ............................................................70mA
UVLO, PGOOD, PGOOD to VEE .....................................20mA
GATE to VEE....................................................................80mA
VDD, VCC.........................................................................20mA
NDRV Continuous ...........................................................25mA
NDRV (pulsed for less than 1µs) .......................................±1A
Continuous Power Dissipation (TA = +70°C)
16-Pin SO (derate 9.1mW/°C above +70°C)................727mW
Operating Temperature Ranges
MAX5942_CSE...................................................0°C to +70°C
MAX5942_ESE ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) ................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PD INTERFACE
DETECTION MODE
Input Offset Current
IOFFSET
VIN = 1.4V to 10.1V (Note 2)
10
µA
Effective Differential Input
Resistance
dR
VIN = 1.4V up to 10.1V with 1V step,
OUT = PGOOD = GND (Note 3)
550
k
CLASSIFICATION MODE
Classification Current Turn-Off
Threshold
VTH,CLSS
VIN rising (Note 4)
20.8
21.8
22.5
V
Class 0, RCL = 10k
02
Class 1, RCL = 732
9.17
11.83
Class 2, RCL = 392
17.29
19.71
Class 3, RCL = 255
26.45
29.55
Classification Current
ICLASS
VIN = 12.6V
to 20V, RDISC
= 25.5k
(Notes 5, 6)
Class 4, RCL = 178
36.6
41.4
mA
POWER MODE
Operating Supply Voltage
VIN
VIN = (GND - VEE)67
V
Operating Supply Current
IIN
Measure at GND, not including RDISC
0.4
1
mA
Default Power Turn-On Voltage
VUVLO,ON
VIN increasing, UVLO = VEE
37.4
38.6
40.1
V
Default Power Turn-Off Voltage
VUVLO,OFF VIN decreasing, UVLO = VEE
30
V
Default Power Turn-On/Off
Hysteresis
VHYST,UVLO
7.4
V
External UVLO Programming
Range
VIN,EX
Set UVLO externally (Note 7)
12
67
V
UVLO External Reference Voltage
VREF,UVLO VUVLO increasing
2.400
2.460
2.522
V
UVLO External Reference
Voltage Hysteresis
HYST
Ratio to VREF,UVLO
19.2
20
20.9
%


Similar Part No. - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942ACSE MAXIM-MAX5942ACSE Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942AESE MAXIM-MAX5942AESE Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
More results

Similar Description - MAX5942A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
453Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com