Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5940A-MAX5940B Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5940A-MAX5940B
Description  IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5940A-MAX5940B Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5940A-MAX5940B Datasheet HTML 6Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 7Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 8Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 9Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 10Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 11Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 12Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 13Page - Maxim Integrated Products MAX5940A-MAX5940B Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IEEE 802.3af PD Interface Controller
For Power-Over-Ethernet
10
______________________________________________________________________________________
R1*
60V
68nF
UVLO
GND
VEE
GATE
RCLASS
PGOOD
PGOOD
DC-DC CONVERTER
PHY
GND
-48V
TX
RX
RJ-45
POWER-OVER
SPAIR PAIRS
3
6
1
2
4
5
7
8
GND
-48V
R2*
RCL
*R1 AND R2 ARE OPTIONAL AND WHEN USED, THEY MUST TOTAL 25.5k
Ω AND REPLACE THE 25.5kΩ RESISTOR.
GND
V+
VREG
OUT
1
2
3
4
5
6
7
8
COUT
CGATE
RDISC
25.5k
SS_SHDN
MAX5014
MAX5940B
POWER-OVER
SIGNAL PAIRS
LOAD
+
-
+
-
VREG
Typical Application Circuits
Application Circuit 1
Figure 4. PD with Power-Over-Ethernet (Power is Provided by Either the Signal Pairs or the Spare Pairs)


Similar Part No. - MAX5940A-MAX5940B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940AESA MAXIM-MAX5940AESA Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
More results

Similar Description - MAX5940A-MAX5940B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Integrated Syste...
LTC4267IGN-3 LINEAR-LTC4267IGN-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
Linear Technology
LTC4267-3 LINER-LTC4267-3 Datasheet
715Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com