Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6006 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6006
Description  1關A SOT23 Precision Shunt Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6006 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6006 Datasheet HTML 1Page - Maxim Integrated Products MAX6006 Datasheet HTML 2Page - Maxim Integrated Products MAX6006 Datasheet HTML 3Page - Maxim Integrated Products MAX6006 Datasheet HTML 4Page - Maxim Integrated Products MAX6006 Datasheet HTML 5Page - Maxim Integrated Products MAX6006 Datasheet HTML 6Page - Maxim Integrated Products MAX6006 Datasheet HTML 7Page - Maxim Integrated Products MAX6006 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1µA SOT23 Precision Shunt
Voltage Reference
6
_______________________________________________________________________________________
Detailed Description
The MAX6006–MAX6009 are precision, two-terminal,
series bandgap voltage references. On-chip thin-film
resistors are laser trimmed to provide 0.2% output volt-
age accuracies. Voltages of +1.25V, +2.048V,+2.5V,
and +3.0V are available in the space-saving SOT23
package (2.1mm 2.7mm).
Applications Information
Output/Load Capacitance
For devices in this family, OUT needs to be bypassed
to GND with a 0.01µF or larger capacitor. In applica-
tions where the load or the supply can experience step
changes, additional capacitance will reduce the
amount of overshoot (or undershoot) and assist the cir-
cuit’s transient response.
Output Voltage Hysteresis
Output voltage hysteresis is the change in the output
voltage at TA = +25°C before and after the device is
cycled over its entire operating temperature range.
Hysteresis is caused by differential package stress
appearing across the bandgap core transistors. The
temperature hysteresis value is typically less than
200ppm.
Turn-On Time
The output capacitance and bias current of the
MAX6006–MAX6009 greatly affects turn-on settling
time. In the Typical Operating Characteristics, turn-on
time is shown with a 10nF output capacitor and a 1.2µA
bias current. Under these conditions, the MAX6006–
MAX6009 settle in 40ms. Settling time will linearly
decrease in proportion to the circuit’s bias current.
Typical Applications
In the typical shunt regulator application shown in
Figure 1, RBIAS is used to set the current through the
load (IL) and the current through the shunt regulator
(IRMIN). There are two worst-case situations that RBIAS
needs to be sized for:
1) RBIAS must be small enough that when VS (supply
voltage) is at its minimum and IL is at its maximum,
IRMIN is equal to at least the minimum operating
current of the shunt regulator.
2) RBIAS must be large enough that when VS is at its
maximum and IL is at its minimum, IRMIN is <2mA.
Pin Description
PIN
NAME
FUNCTION
SOT23
SO
1
6, 8
OUT
Output Voltage. Bias OUT with a pullup resistor to a potential greater than OUT. Bypass OUT
to GND with a 0.01
µF or larger capacitor.
24
GND
Ground
3
IC
Internally connected test point. Leave this pin unconnected, or connect to GND.
1, 2, 3, 5,
7
N.C.
No connection. Not internally connected.
VS
IRMIN + IL
IL
IRMIN
RBIAS
VOUT
VR
MAX6006
MAX6007
MAX6008
MAX6009
RBIAS =
VS - VR
IL + IRMIN
Figure 1. Typical Application Circuit


Similar Part No. - MAX6006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006AESA++ MAXIM-MAX6006AESA+ Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006AEUR+T MAXIM-MAX6006AEUR+T Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006BESA++ MAXIM-MAX6006BESA+ Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006BEUR+T MAXIM-MAX6006BEUR+T Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6006 MAXIM-MAX6006_12 Datasheet
275Kb / 8P
   1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
More results

Similar Description - MAX6006

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com