Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6018AEUR12-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6018AEUR12-T
Description  Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6018AEUR12-T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX6018AEUR12-T Datasheet HTML 1Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 2Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 3Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 4Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 5Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 6Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 7Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 8Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Precision, Micropower, 1.8V Supply,
Low-Dropout, SOT23 Voltage Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
1.2610
1.2615
1.2625
1.2620
1.2630
1.2635
-50
0
-25
25
50
75
100
MAX6018_12
OUTPUT VOLTAGE DRIFT vs. TEMPERATURE
TEMPERATURE (
°C)
2.043
2.045
2.044
2.047
2.046
2.049
2.048
2.050
-50
0
25
-25
50
75
100
MAX6018_21
OUTPUT VOLTAGE DRIFT vs. TEMPERATURE
TEMPERATURE (
°C)
1.260
1.263
1.262
1.261
1.264
1.265
1.266
0
400
300
100 200
500 600 700 800 900 1000
MAX6018_12
LONG-TERM DRIFT
TIME (HOURS)
2.045
2.046
2.047
2.048
2.049
2.050
0
400 500
200 300
100
600 700 800 900 1000
MAX6018_21
LONG-TERM DRIFT
TIME (HOURS)
0
0.05
0.15
0.10
0.20
0.25
1.5
2.5
3.0
2.0
3.5
4.0
4.5
5.0
5.5
MAX6018_12
LINE REGULATION
INPUT VOLTAGE (V)
TA = +85
°C
TA = -40
°C
TA = +25
°C
0
0.05
0.15
0.10
0.20
0.25
0.30
2.5
3.0
2.0
3.5
4.0
4.5
5.0
5.5
MAX6018_21
LINE REGULATION
INPUT VOLTAGE (V)
TA = +25
°C
TA = +85
°C
TA = -40
°C
0
20
40
60
80
100
120
140
0
0.4
0.2
0.6
0.8
1.0
1.2
MAX6018_21
DROPOUT VOLTAGE vs. SOURCE CURRENT
SOURCE CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C
-0.2
0
-0.1
0.2
0.1
0.4
0.3
0.5
0.7
0.6
0.8
-1.0
-0.6 -0.4 -0.2
-0.8
0
0.2 0.4
0.8
0.6
1.0
MAX6018_12
LOAD REGULATION
LOAD CURRENT (mA)
TA = +85
°C
TA = -40
°C
TA = +25
°C
-0.2
0
-0.1
0.2
0.1
0.4
0.3
0.5
0.7
0.6
-1.0
-0.4 -0.2
-0.6
-0.8
0.4
0.2
0
0.6 0.8 1.0
MAX6018_21
LOAD REGULATION
SOURCE CURRENT (mA)
TA = +85
°C
TA = +25
°C
TA = -40
°C
6
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6018AEUR12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018AEUR12+T MAXIM-MAX6018AEUR12+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results

Similar Description - MAX6018AEUR12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com