Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX603CPA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX603CPA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX603CPA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX603CPA Datasheet HTML 4Page - Maxim Integrated Products MAX603CPA Datasheet HTML 5Page - Maxim Integrated Products MAX603CPA Datasheet HTML 6Page - Maxim Integrated Products MAX603CPA Datasheet HTML 7Page - Maxim Integrated Products MAX603CPA Datasheet HTML 8Page - Maxim Integrated Products MAX603CPA Datasheet HTML 9Page - Maxim Integrated Products MAX603CPA Datasheet HTML 10Page - Maxim Integrated Products MAX603CPA Datasheet HTML 11Page - Maxim Integrated Products MAX603CPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
air,
θJB (or θJC) is the thermal resistance of the package
chosen, and
θBA is the thermal resistance through the
printed circuit board, copper traces and other materials
to the surrounding air. The 8-pin SOIC package for the
MAX603/MAX604 features a special lead frame with a
lower thermal resistance and higher allowable power
dissipation. The thermal resistance of this package is
θJB = 42°C/W, compared with θJB = 110°C/W for an 8-
pin plastic DIP package and
θJB = 125°C/W for an 8-pin
ceramic DIP package.
The GND pins of the MAX603/MAX604 SOIC package
perform the dual function of providing an electrical con-
nection to ground and channeling heat away. Connect
all GND pins to ground using a large pad or ground
plane. Where this is impossible, place a copper plane
on an adjacent layer. The pad should exceed the
dimensions in Figure 4.
Figure 4 assumes the IC is an 8-pin SOIC package, is
soldered directly to the pad, has a +125°C maximum
junction temperature and a +25°C ambient air tempera-
ture, and has no other heat sources. Use larger pad
sizes for other packages, lower junction temperatures,
higher ambient temperatures, or conditions where the IC
is not soldered directly to the heat-sinking ground pad.
The MAX603/MAX604 can regulate currents up to
500mA and operate with input voltages up to 11.5V, but
not simultaneously. High output currents can only be
sustained when input-output differential voltages are
low, as shown in Figure 5. Maximum power dissipation
depends on packaging, board layout, temperature, and
air flow. The maximum output current is:
where PMAX is derived from Figure 4.
Reverse-Current Protection
The MAX603/MAX604 has a unique protection scheme
that limits reverse currents when the input voltage falls
below the output. It monitors the voltages on IN and
OUT and switches the IC’s substrate and power bus to
I
P
T
- T
V
- V
100 C
OUT max
MAX
J
A
IN
OUT
() =
×
()
() ×°
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
8
_______________________________________________________________________________________
0
100
200
300
400
500
600
700
27
MAX604
SUPPLY VOLTAGE (V)
5
39
810
12
11
6
413
CERAMIC DIP
PLASTIC DIP
HIGH-POWER SOIC
MAXIMUM CONTINUOUS CURRENT LIMIT
OPERATING
REGION AT
TA = +25°C
TJ = +125°C
0
100
200
300
400
500
600
700
7
MAX603
MAXIMUM OUTPUT CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
59
810
12
11
6
413
CERAMIC DIP
PLASTIC DIP
HIGH-POWER
SOIC
MAXIMUM CONTINUOUS CURRENT LIMIT
OPERATING
REGION AT
TA = +25°C
TJ = +125°C
Figure 5. Power Operating Regions: Maximum Output Current
vs. Differential Supply Voltage
1.0
1
0.2
10
20
6.5
1.3
(in2)
(cm2)
65
130
POWER DISSIPATION vs.
GROUND PAD AREA
1.2
COPPER GROUND PAD AREA
1.4
1.6
1.8
1.1
1.3
1.5
1.7
MAX603, VOUT = 5V
8-PIN SO PACKAGE
PAPER EPOXY BOARD
SINGLE SIDED
1oz. COPPER
TJ = +125°C
TA = +25°C STILL AIR
Figure 4. Typical Maximum Power Dissipation vs. Ground Pad
Size.


Similar Part No. - MAX603CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603CPA MAXIM-MAX603CPA Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results

Similar Description - MAX603CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com